Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC113ZCA Datasheet (PDF) - Rohm

DTC113ZCA Datasheet PDF - Rohm
Part # DTC113ZCA
Download  DTC113ZCA Download

File Size   901.33 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Digital Transistor

DTC113ZCA Datasheet (PDF)

Go To PDF Page Download Datasheet
DTC113ZCA Datasheet PDF - Rohm

Part # DTC113ZCA
Download  DTC113ZCA Click to download

File Size   901.33 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Digital Transistor

DTC113ZCA Datasheet (HTML) - Rohm

DTC113ZCA Datasheet HTML 1Page - Rohm DTC113ZCA Datasheet HTML 2Page - Rohm DTC113ZCA Datasheet HTML 3Page - Rohm DTC113ZCA Datasheet HTML 4Page - Rohm DTC113ZCA Datasheet HTML 5Page - Rohm DTC113ZCA Datasheet HTML 6Page - Rohm DTC113ZCA Datasheet HTML 7Page - Rohm DTC113ZCA Datasheet HTML 8Page - Rohm

DTC113ZCA Product details

Features
1) Built-In Biasing Resistors, R1 = 1kΩ, R2 = 10kΩ
2) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) .
3) Only the on/off conditions need to be set for operation, making the circuit design easy.
4) Complementary PNP Types: DTA113ZCA

Application
    INVERTER, INTERFACE, DRIVER




Similar Part No. - DTC113ZCA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTC113ZCA JIANGSU-DTC113ZCA Datasheet
123Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC113ZCA SECOS-DTC113ZCA Datasheet
222Kb / 2P
   Digital Transistors NPN (Built-in Resistors)
logo
Rectron Semiconductor
DTC113ZCA RECTRON-DTC113ZCA Datasheet
366Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTORS(NPN)
logo
Micro Commercial Compon...
DTC113ZCA MCC-DTC113ZCA Datasheet
266Kb / 3P
   Digital Transistors
DTC113ZCA MCC-DTC113ZCA Datasheet
391Kb / 3P
   Digital Transistors
More results


Similar Description - DTC113ZCA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC023J ROHM-DTC023J Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC043E ROHM-DTC043E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115ECA ROHM-DTC115ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC023E ROHM-DTC023E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC023Y ROHM-DTC023Y Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115E ROHM-DTC115E Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
DTC123E ROHM-DTC123E Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC124GUA ROHM-DTC124GUA_16 Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124T ROHM-DTC124T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124X ROHM-DTC124X Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistor
DTC124EUAFRA ROHM-DTC124EUAFRA Datasheet
896Kb / 8P
   NPN 100mA 50V Digital Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com