Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-882125AMH-M2ATFZ Datasheet (PDF) - Seiko Instruments Inc

S-882125AMH-M2ATFZ Datasheet PDF - Seiko Instruments Inc
Part # S-882125AMH-M2ATFZ
Download  S-882125AMH-M2ATFZ Download

File Size   1245.4 Kbytes
Page   24 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description VOLTAGE REGULATION

S-882125AMH-M2ATFZ Datasheet (PDF)

Go To PDF Page Download Datasheet
S-882125AMH-M2ATFZ Datasheet PDF - Seiko Instruments Inc

Part # S-882125AMH-M2ATFZ
Download  S-882125AMH-M2ATFZ Click to download

File Size   1245.4 Kbytes
Page   24 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description VOLTAGE REGULATION

S-882125AMH-M2ATFZ Datasheet (HTML) - Seiko Instruments Inc

Back Button S-882125AMH-M2ATFZ Datasheet HTML 1Page - Seiko Instruments Inc S-882125AMH-M2ATFZ Datasheet HTML 2Page - Seiko Instruments Inc S-882125AMH-M2ATFZ Datasheet HTML 3Page - Seiko Instruments Inc S-882125AMH-M2ATFZ Datasheet HTML 4Page - Seiko Instruments Inc S-882125AMH-M2ATFZ Datasheet HTML 5Page - Seiko Instruments Inc S-882125AMH-M2ATFZ Datasheet HTML 6Page - Seiko Instruments Inc S-882125AMH-M2ATFZ Datasheet HTML 7Page - Seiko Instruments Inc S-882125AMH-M2ATFZ Datasheet HTML 8Page - Seiko Instruments Inc S-882125AMH-M2ATFZ Datasheet HTML 9Page - Seiko Instruments Inc S-882125AMH-M2ATFZ Datasheet HTML 10Page - Seiko Instruments Inc Next Button 

S-882125AMH-M2ATFZ Product details

The S-8821 series is a CMOS boost charge pump DC-DC converter with a voltage regulation function.
The S-8821 series consists of an oscillation circuit, a controller, a reference voltage circuit, an error amplifier circuit, and an output switching transistor, and can regulate the output voltage by PFM control.
Since small ceramic capacitors can be used for the pump capacitor, input capacitor, and output capacitor, the mounting area can be minimized.

Features
• PFM control CMOS boost charge pump
• Power supply voltage: 1.6 to 5.0 V
• Output voltage: 2.5 to 5.5 V, selectable in 0.1 V steps.
• Output voltage accuracy: ±2 % max.
• Built-in soft start circuit: 1.0 ms typ.
• Output current 25 mA (VIN=(VOUT(S) × 0.80) V)
• Oscillation frequency: 1.0 MHz typ.
• ON/OFF function: During standby: 1 μA max.
• Lead-free, Sn 100%, halogen-free*1

Applications
• Lithium ion battery driven applications
• Local power supply
• Power supply for white LED display backlights




Similar Part No. - S-882125AMH-M2ATFZ

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-882125AMH-M2ATFz SII-S-882125AMH-M2ATFz Datasheet
1Mb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-882125AMH-M2ATFZ ABLIC-S-882125AMH-M2ATFZ Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
More results


Similar Description - S-882125AMH-M2ATFZ

ManufacturerPart #DatasheetDescription
logo
Rohm
VDZT2R10B ROHM-VDZT2R10B Datasheet
138Kb / 6P
   Voltage regulation
KDZTR16B ROHM-KDZTR16B Datasheet
413Kb / 7P
   Voltage regulation
KDZTR7-5B ROHM-KDZTR7-5B Datasheet
117Kb / 5P
   Voltage regulation
PTZTE255.6B ROHM-PTZTE255.6B Datasheet
154Kb / 5P
   Voltage regulation
PTZTE2512A ROHM-PTZTE2512A Datasheet
444Kb / 11P
   Voltage regulation
KDZTR11B ROHM-KDZTR11B Datasheet
399Kb / 7P
   Voltage regulation
PTZTE2516B ROHM-PTZTE2516B Datasheet
154Kb / 5P
   Voltage regulation
UDZSTE-173.0B ROHM-UDZSTE-173.0B Datasheet
158Kb / 2P
   Voltage Regulation
VDZT2R12B ROHM-VDZT2R12B Datasheet
142Kb / 5P
   Voltage regulation
UMZ27NT106 ROHM-UMZ27NT106 Datasheet
136Kb / 3P
   Voltage regulation
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com