Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA20H8087M-E01 Datasheet (PDF) - Mitsubishi Electric Semiconductor

RA20H8087M-E01 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # RA20H8087M-E01
Download  RA20H8087M-E01 Download

File Size   77.76 Kbytes
Page   10 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 806-825/ 851-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO

RA20H8087M-E01 Datasheet (PDF)

Go To PDF Page Download Datasheet
RA20H8087M-E01 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # RA20H8087M-E01
Download  RA20H8087M-E01 Click to download

File Size   77.76 Kbytes
Page   10 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 806-825/ 851-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO

RA20H8087M-E01 Datasheet (HTML) - Mitsubishi Electric Semiconductor

RA20H8087M-E01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA20H8087M-E01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA20H8087M-E01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA20H8087M-E01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA20H8087M-E01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA20H8087M-E01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA20H8087M-E01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA20H8087M-E01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA20H8087M-E01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor RA20H8087M-E01 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor

RA20H8087M-E01 Product details

DESCRIPTION
The RA20H8087M is a 20-watt RF MOSFET Amplifier Module for 12.5-volt mobile radios that operate in the 806- to 870-MHz range.
The battery can be connected directly to the drain of the enhancement-mode MOSFET transistors. Without the gate voltage (VGG=0V), only a small leakage current flows into the drain and the RF input signal attenuates up to 60 dB. The output power and drain current increase as the gate voltage increases. With a gate voltage around 4V (minimum), output power and drain current increases substantially. The nominal output power becomes available at 4.5V (typical) and 5V (maximum). At VGG=5V, the typical gate current is 1 mA.

FEATURES
• Enhancement-Mode MOSFET Transistors (IDD≅0 @ VDD=12.5V, VGG=0V)
• Pout>20W, ηT>25% @ VDD=12.5V, VGG=5V, Pin=50mW
• Broadband Frequency Range: 806-870MHz
• Low-Power Control Current IGG=1mA (typ) at VGG=5V
• Module Size: 66 x 21 x 9.88 mm
• Linear operation is possible by setting the quiescent drain current with the gate voltage and controlling the output power with the input power




Similar Part No. - RA20H8087M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA20H8087M-101 MITSUBISHI-RA20H8087M-101 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M-101 MITSUBISHI-RA20H8087M-101 Datasheet
110Kb / 10P
   806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M-101 MITSUBISHI-RA20H8087M-101 Datasheet
191Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Similar Description - RA20H8087M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA20H8087M MITSUBISHI-RA20H8087M_10 Datasheet
110Kb / 10P
   806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_06 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_11 Datasheet
191Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
M67760LC MITSUBISHI-M67760LC Datasheet
53Kb / 4P
   806-870MHz, 12.5V, 20W, FM MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M_10 Datasheet
97Kb / 9P
   896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M_11 Datasheet
190Kb / 9P
   RoHS Compliance , 896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M Datasheet
68Kb / 8P
   896-902/ 935-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA03M8087M MITSUBISHI-RA03M8087M_10 Datasheet
147Kb / 9P
   806-870MHz 3.6W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_10 Datasheet
93Kb / 9P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_10 Datasheet
107Kb / 9P
   380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com