Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56AAN-C24-B18/R80L Datasheet (PDF) - Bourns Electronic Solutions

56AAN-C24-B18/R80L Datasheet PDF - Bourns Electronic Solutions
Part # 56AAN-C24-B18/R80L
Download  56AAN-C24-B18/R80L Download

File Size   318.27 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Sealed 1/2 (12.5 mm) Panel Control w/Rotary Switch

56AAN-C24-B18/R80L Datasheet (PDF)

Go To PDF Page Download Datasheet
56AAN-C24-B18/R80L Datasheet PDF - Bourns Electronic Solutions

Part # 56AAN-C24-B18/R80L
Download  56AAN-C24-B18/R80L Click to download

File Size   318.27 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Sealed 1/2 (12.5 mm) Panel Control w/Rotary Switch

56AAN-C24-B18/R80L Datasheet (HTML) - Bourns Electronic Solutions

56AAN-C24-B18/R80L Datasheet HTML 1Page - Bourns Electronic Solutions 56AAN-C24-B18/R80L Datasheet HTML 2Page - Bourns Electronic Solutions 56AAN-C24-B18/R80L Datasheet HTML 3Page - Bourns Electronic Solutions 56AAN-C24-B18/R80L Datasheet HTML 4Page - Bourns Electronic Solutions



Similar Part No. - 56AAN-C24-B18/R80L

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
56A30S-01-1-10N-F GRAYHILL-56A30S-01-1-10N-F Datasheet
1Mb / 4P
   Requires Minimum Distance Behind the Panel
56A30S-01-1-10S-F GRAYHILL-56A30S-01-1-10S-F Datasheet
1Mb / 4P
   Requires Minimum Distance Behind the Panel
56A36-01-1-10N-F GRAYHILL-56A36-01-1-10N-F Datasheet
72Kb / 4P
   Single Deck Rotary Switches
56A36-01-1-10N-F GRAYHILL-56A36-01-1-10N-F Datasheet
72Kb / 4P
   Single Deck Rotary Switches
56A36S-01-1-10N-F GRAYHILL-56A36S-01-1-10N-F Datasheet
1Mb / 4P
   Requires Minimum Distance Behind the Panel
More results


Similar Description - 56AAN-C24-B18/R80L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
51AAD-B28-A15 BOURNS-51AAD-B28-A15 Datasheet
365Kb / 3P
   Sealed 1/2 (12.5 mm) Square Control
51AAD-B28-A15L BOURNS-51AAD-B28-A15L Datasheet
273Kb / 3P
   51/53 - Sealed 1/2 ??(12.5 mm) Square Control
53RAA-R25-A15L BOURNS-53RAA-R25-A15L Datasheet
382Kb / 3P
   51/53 - Sealed 1/2 ??(12.5 mm) Square Control
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
   17 mm Rotary Potentiometer w/Rotary Switch
PTH90 BOURNS-PTH90 Datasheet
345Kb / 2P
   PTH90 Series Dual Concentric Shaft Panel Control w/Rotary Switch
3360 BOURNS-3360 Datasheet
162Kb / 2P
   6 mm Square Sealed Panel Control
7829 BOURNS-7829 Datasheet
422Kb / 1P
   6 mm Through-hole Sealed Rotary Switch
7814 BOURNS-7814_09 Datasheet
327Kb / 2P
   SMD 4 mm Square Sealed Rotary Switch
7814 BOURNS-7814 Datasheet
145Kb / 2P
   SMD 4 mm Square Sealed Rotary Switch
7813 BOURNS-7813_10 Datasheet
233Kb / 2P
   SMD 3 mm Square Sealed Rotary Switch
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com