Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA57000-30UK Datasheet (PDF) - NXP Semiconductors

SA57000-30UK Datasheet PDF - NXP Semiconductors
Part # SA57000-30UK
Download  SA57000-30UK Download

File Size   106.21 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection

SA57000-30UK Datasheet (PDF)

Go To PDF Page Download Datasheet
SA57000-30UK Datasheet PDF - NXP Semiconductors

Part # SA57000-30UK
Download  SA57000-30UK Click to download

File Size   106.21 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection

SA57000-30UK Datasheet (HTML) - NXP Semiconductors

SA57000-30UK Datasheet HTML 1Page - NXP Semiconductors SA57000-30UK Datasheet HTML 2Page - NXP Semiconductors SA57000-30UK Datasheet HTML 3Page - NXP Semiconductors SA57000-30UK Datasheet HTML 4Page - NXP Semiconductors SA57000-30UK Datasheet HTML 5Page - NXP Semiconductors SA57000-30UK Datasheet HTML 6Page - NXP Semiconductors SA57000-30UK Datasheet HTML 7Page - NXP Semiconductors SA57000-30UK Datasheet HTML 8Page - NXP Semiconductors

SA57000-30UK Product details

GENERAL DESCRIPTION
The CapFREE SA57000 is the first in a new family of unique low dropout regulators. It needs no external capacitors, offers a low output noise voltage of 30 µVRMS, and an ultra-low dropout voltage of 55 mV @ 50 mA output current. To accommodate high density layouts, it is packaged in the small footprint 5 leaded SOT23-5 (SO5). It is ideal for all portable and cellular phone applications.

FEATURES
• CapFREE: No output capacitor needed, stable for all capacitive loads, regardless of ESR
• Low 30 µVRMS noise without noise bypass capacitor
• Preset output voltages to 2.5 V, 2.8 V, 3.0 V, 3.3 V and 3.6 V; other voltages available upon request. 2% output voltage accuracy
• 150 mA maximum output current with current limitation
• Typical dropout voltage 55 mV @ 50 mA output current
• 85 µA typical ground current
• Thermal-overload and short-circuit protection
• PWROK pin: both power status and thermal warning indicator
• PWRON pin offers logic-controlled shutdown
• Maximum line regulation: 0.1%/V
• Maximum load regulation: 0.02%/mA.

APPLICATIONS
• Cordless and mobile phones
• Industrial and medical equipment
• Other battery-powered equipment.




Similar Part No. - SA57000-30UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57003 PHILIPS-SA57003 Datasheet
203Kb / 16P
   Five-output composite voltage regulator
2003 Oct 13
SA57003DH PHILIPS-SA57003DH Datasheet
203Kb / 16P
   Five-output composite voltage regulator
2003 Oct 13
SA57005 PHILIPS-SA57005 Datasheet
148Kb / 12P
   Multiple output low noise, low dropout linear regulator
2002 Jun 20
SA57005DH PHILIPS-SA57005DH Datasheet
148Kb / 12P
   Multiple output low noise, low dropout linear regulator
2002 Jun 20
More results


Similar Description - SA57000-30UK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com