Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C3V6 Datasheet (PDF) - Central Semiconductor Corp

BZX84C3V6 Datasheet PDF - Central Semiconductor Corp
Part # BZX84C3V6
Download  BZX84C3V6 Download

File Size   120.16 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS

BZX84C3V6 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C3V6 Datasheet PDF - Central Semiconductor Corp

Part # BZX84C3V6
Download  BZX84C3V6 Click to download

File Size   120.16 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS

BZX84C3V6 Datasheet (HTML) - Central Semiconductor Corp

BZX84C3V6 Datasheet HTML 1Page - Central Semiconductor Corp BZX84C3V6 Datasheet HTML 2Page - Central Semiconductor Corp

BZX84C3V6 Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR BZX84C2V4 Series are surface mount silicon Zener diodes. These high quality voltage regulating diodes are designed for use in industrial, commercial, entertainment and computer applications.

MARKING CODE: SEE MARKING CODE ON ELECTRICAL CHARACTERISTICS TABLE




Similar Part No. - BZX84C3V6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C3V6 VISHAY-BZX84C3V6 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C3V6 BWTECH-BZX84C3V6 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
Guilin Strong Micro-Ele...
BZX84C3V6 GSME-BZX84C3V6 Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
logo
Central Semiconductor C...
BZX84C3V6 CENTRAL-BZX84C3V6 Datasheet
120Kb / 2P
   surface mount silicon Zener diodes
logo
DONGGUAN YOU FENG WEI E...
BZX84C3V6 YFWDIODE-BZX84C3V6 Datasheet
900Kb / 4P
   Silicon Planar Zener Diodes
More results


Similar Description - BZX84C3V6

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C3V3-33 CENTRAL-BZX84C3V3-33 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4 Datasheet
121Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMLZDA2V4 CENTRAL-CMLZDA2V4_10 Datasheet
519Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMLZDA2V4 CENTRAL-CMLZDA2V4 Datasheet
65Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com