Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSE12U Datasheet (PDF) - StarHope

TSE12U Datasheet PDF - StarHope
Part # TSE12U
Download  TSE12U Download

File Size   272.18 Kbytes
Page   5 Pages
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope
Description TSE(3600W) Series

TSE12U Datasheet (PDF)

Go To PDF Page Download Datasheet
TSE12U Datasheet PDF - StarHope

Part # TSE12U
Download  TSE12U Click to download

File Size   272.18 Kbytes
Page   5 Pages
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope
Description TSE(3600W) Series

TSE12U Datasheet (HTML) - StarHope

TSE12U Datasheet HTML 1Page - StarHope TSE12U Datasheet HTML 2Page - StarHope TSE12U Datasheet HTML 3Page - StarHope TSE12U Datasheet HTML 4Page - StarHope TSE12U Datasheet HTML 5Page - StarHope


Similar Part No. - TSE12U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSE12 ETC1-TSE12 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
More results


Similar Description - TSE12U

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SM5S LEIDITECH-SM5S Datasheet
1Mb / 6P
   3600W Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SM5MXXT-C SECOS-SM5MXXT-C Datasheet
441Kb / 3P
   3600W Transient Voltage Suppressors Family
logo
Diodes Incorporated
DM5W10AQ DIODES-DM5W10AQ Datasheet
579Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
logo
Tripp Lite. All Rights ...
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
   PowerVerter APS INT 3600W 36VDC 230V
logo
Diodes Incorporated
DM5W10A DIODES-DM5W10A Datasheet
862Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 5 - 2
DM5W27Q DIODES-DM5W27Q Datasheet
549Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
logo
Bel Fuse Inc.
PFE3600-12-069RA BEL-PFE3600-12-069RA Datasheet
2Mb / 26P
   3600W AC-DC FRONT-END POWER SUPPLY
logo
Taiwan Semiconductor Co...
TLD5S10AH TSC-TLD5S10AH Datasheet
353Kb / 5P
   3600W, 10V ??43V Surface Mount Transient Voltage Suppressor
logo
UN Semiconducctor INC
SM5Z UNSEMI-SM5Z Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressors 14 To36 V 3600W
Revision March 1,2022
logo
Molex Electronics Ltd.
38969-0002 MOLEX-38969-0002 Datasheet
152Kb / 2P
   TSE Single-Row Tri-Barrier Terminal Strip PC Tail Terminal Style
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com