Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4370A Datasheet (PDF) - Motorola, Inc

1N4370A Datasheet PDF - Motorola, Inc
Part # 1N4370A
Download  1N4370A Download

File Size   424.92 Kbytes
Page   42 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 500 mW DO-35 Glass Zener Voltage Regulator Diodes

1N4370A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4370A Datasheet PDF - Motorola, Inc

Part # 1N4370A
Download  1N4370A Click to download

File Size   424.92 Kbytes
Page   42 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 500 mW DO-35 Glass Zener Voltage Regulator Diodes

1N4370A Datasheet (HTML) - Motorola, Inc

Back Button 1N4370A Datasheet HTML 1Page - Motorola, Inc 1N4370A Datasheet HTML 2Page - Motorola, Inc 1N4370A Datasheet HTML 3Page - Motorola, Inc 1N4370A Datasheet HTML 4Page - Motorola, Inc 1N4370A Datasheet HTML 5Page - Motorola, Inc 1N4370A Datasheet HTML 6Page - Motorola, Inc 1N4370A Datasheet HTML 7Page - Motorola, Inc 1N4370A Datasheet HTML 8Page - Motorola, Inc 1N4370A Datasheet HTML 9Page - Motorola, Inc 1N4370A Datasheet HTML 10Page - Motorola, Inc Next Button 

1N4370A Product details

500 mW DO-35 Glass Zener Voltage Regulator Diodes
GENERAL DATA APPLICABLE TO ALL SERIES IN THIS GROUP 500 Milliwatt Hermetically Sealed Glass Silicon Zener Diodes

This is a complete series of 5 Watt Zener Diodes with tight limits and better operating characteristics that reflect the superior capabilities of silicon-oxide-passivated junctions. All this is in an axial-lead, transfer-molded plastic package that offers protection in all common environmental conditions.

Specification Features:
• Complete Voltage Range — 1.8 to 200 Volts
• DO-204AH Package — Smaller than Conventional DO-204AA Package
• Double Slug Type Construction
• Metallurgically Bonded Construction




Similar Part No. - 1N4370A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4370A CDI-DIODE-1N4370A Datasheet
23Kb / 2P
   DOUBLE PLUG CONSTRUCTION
logo
Leshan Radio Company
1N4370A LRC-1N4370A Datasheet
36Kb / 1P
   1N43 1N7 SERIES ZENER DIODES
logo
Microsemi Corporation
1N4370A MICROSEMI-1N4370A Datasheet
222Kb / 3P
   SILICON 400 mW ZENER DIODES
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
logo
Microsemi Corporation
1N4370A MICROSEMI-1N4370A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
More results


Similar Description - 1N4370A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com