Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52B27 Datasheet (PDF) - Vishay Siliconix

BZT52B27 Datasheet PDF - Vishay Siliconix
Part # BZT52B27
Download  BZT52B27 Download

File Size   128.83 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Zener Diodes

BZT52B27 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52B27 Datasheet PDF - Vishay Siliconix

Part # BZT52B27
Download  BZT52B27 Click to download

File Size   128.83 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Zener Diodes

BZT52B27 Datasheet (HTML) - Vishay Siliconix

BZT52B27 Datasheet HTML 1Page - Vishay Siliconix BZT52B27 Datasheet HTML 2Page - Vishay Siliconix BZT52B27 Datasheet HTML 3Page - Vishay Siliconix BZT52B27 Datasheet HTML 4Page - Vishay Siliconix BZT52B27 Datasheet HTML 5Page - Vishay Siliconix BZT52B27 Datasheet HTML 6Page - Vishay Siliconix BZT52B27 Datasheet HTML 7Page - Vishay Siliconix BZT52B27 Datasheet HTML 8Page - Vishay Siliconix

BZT52B27 Product details

FEATURES
• Silicon planar Zener diodes
• The Zener voltages are graded according to
   the international E24 standard
• AEC-Q101 qualified available
• ESD capability according to AEC-Q101:
   Human body model > 8 kV
   Machine model > 800 V
• Base P/N-E3 - RoHS-compliant, commercial
   grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: for definitions of compliance
   please see www.vishay.com/doc?99912




Similar Part No. - BZT52B27

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B27 TSC-BZT52B27 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Bruckewell Technology L...
BZT52B27 BWTECH-BZT52B27 Datasheet
510Kb / 5P
   Surface mount zener diode
logo
Weitron Technology
BZT52B27 WEITRON-BZT52B27 Datasheet
170Kb / 3P
   Surface Mount Zener Diodes
logo
Foshan Blue Rocket Elec...
BZT52B27 FOSHAN-BZT52B27 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
Shenzhen Taychipst Elec...
BZT52B27 TAYCHIPST-BZT52B27 Datasheet
2Mb / 3P
   Small Signal Diode
More results


Similar Description - BZT52B27

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com