Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N981D Datasheet (PDF) - Microsemi Corporation

1N981D Datasheet PDF - Microsemi Corporation
Part # 1N981D
Download  1N981D Download

File Size   135.31 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION

1N981D Datasheet (PDF)

Go To PDF Page Download Datasheet
1N981D Datasheet PDF - Microsemi Corporation

Part # 1N981D
Download  1N981D Click to download

File Size   135.31 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION

1N981D Datasheet (HTML) - Microsemi Corporation

1N981D Datasheet HTML 1Page - Microsemi Corporation 1N981D Datasheet HTML 2Page - Microsemi Corporation

1N981D Product details

DESCRIPTION
The popular 1N957B thru 1N992B series of 0.5 watt Zener Voltage Regulators provides a selection from 6.8 to 200 volts in standard 5% or 10% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These glass axial-leaded DO-35 Zeners are also available with an internal-metallurgical-bond option by adding a “-1” suffix. The 1N962B-1 thru 1N992B-1 are available in JAN, JANTX, and JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications.

FEATURES
• JEDEC registered 1N957B(-1) to 1N992B(-1) series
• Internal metallurgical bond option available by adding a “-1” suffix
• Also available in JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/117 by adding the  JAN, JANTX, or JANTXV prefixes to part numbers for desired level of screening as well as “-1” suffix; (e.g. JANTX1N962B-1, JANTXV1N986C-1, etc.)
• Military Surface Mount equivalents also available in DO-213AA by adding a UR-1 suffix in addition to the  JAN, JANTX, and JANTXV prefix; e.g. JANTX1N962BUR-1 (see separate data sheet)
• Commercial Surface Mount equivalents available as MLL957B to MLL992B or with “-1” suffix for bonded in the DO-213AA MELF style package (consult factory for others)
• DO-7 glass body axial-leaded Zener equivalents are also available

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Extensive selection from 6.8 to 200 V
• Standard voltage tolerances are plus/minus 5% with B suffix, 10 % with A suffix identification
• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Minimal capacitance (see Figure 3)
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N981D

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N981D JGD-1N981D Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Leshan Radio Company
1N981D LRC-1N981D Datasheet
33Kb / 1P
   1N9 SERIES ZENER DIODES
logo
Microsemi Corporation
1N981D MICROSEMI-1N981D Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
More results


Similar Description - 1N981D

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
1N4531UR MA-COM-1N4531UR Datasheet
456Kb / 3P
   Metallurgically Bonded
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B_1 Datasheet
123Kb / 2P
   METALLURGICALLY BONDED
JAN1N485B MICROSEMI-JAN1N485B Datasheet
41Kb / 1P
   METALLURGICALLY BONDED
JANTX1N3595UR MICROSEMI-JANTX1N3595UR Datasheet
73Kb / 2P
   METALLURGICALLY BONDED
logo
M/A-COM Technology Solu...
1N4454 MA-COM-1N4454 Datasheet
550Kb / 3P
   Metallurgically Bonded
logo
Compensated Deuices Inc...
1N957 CDI-DIODE-1N957 Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
M/A-COM Technology Solu...
1N4454UR MA-COM-1N4454UR Datasheet
568Kb / 3P
   Metallurgically Bonded
logo
Microsemi Corporation
JANTXV1N3595UR-1 MICROSEMI-JANTXV1N3595UR-1 Datasheet
73Kb / 2P
   METALLURGICALLY BONDED
logo
New Jersey Semi-Conduct...
1N6309 NJSEMI-1N6309 Datasheet
142Kb / 1P
   500 mW ZENER DIODES, NON CAVITY CONSTRUCTION, METALLURGICALLY BONDED
logo
Microsemi Corporation
JANTX1N485B MICROSEMI-JANTX1N485B Datasheet
41Kb / 1P
   METALLURGICALLY BONDED, HERMETICALLY SEALED
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com