Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE0805K101R025 Datasheet (PDF) - Kemet Corporation

VE0805K101R025 Datasheet PDF - Kemet Corporation
Part # VE0805K101R025
Download  VE0805K101R025 Download

File Size   1144.88 Kbytes
Page   15 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Surface Mount Varistors VE Series High Temperature

VE0805K101R025 Datasheet (PDF)

Go To PDF Page Download Datasheet
VE0805K101R025 Datasheet PDF - Kemet Corporation

Part # VE0805K101R025
Download  VE0805K101R025 Click to download

File Size   1144.88 Kbytes
Page   15 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Surface Mount Varistors VE Series High Temperature

VE0805K101R025 Datasheet (HTML) - Kemet Corporation

Back Button VE0805K101R025 Datasheet HTML 1Page - Kemet Corporation VE0805K101R025 Datasheet HTML 2Page - Kemet Corporation VE0805K101R025 Datasheet HTML 3Page - Kemet Corporation VE0805K101R025 Datasheet HTML 4Page - Kemet Corporation VE0805K101R025 Datasheet HTML 5Page - Kemet Corporation VE0805K101R025 Datasheet HTML 6Page - Kemet Corporation VE0805K101R025 Datasheet HTML 7Page - Kemet Corporation VE0805K101R025 Datasheet HTML 8Page - Kemet Corporation VE0805K101R025 Datasheet HTML 9Page - Kemet Corporation VE0805K101R025 Datasheet HTML 10Page - Kemet Corporation Next Button 



Similar Part No. - VE0805K101R025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VE0805K121R014 KEMET-VE0805K121R014 Datasheet
53Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 18 V, 14 VAC, 22 V, 40 V, 1 Amps, 120 Amps, 400 mJ, 5000 uW
More results


Similar Description - VE0805K101R025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
V220CH8T LITTELFUSE-V220CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
V47CH8T LITTELFUSE-V47CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com