Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-64023 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AT-64023 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AT-64023
Download  AT-64023 Download

File Size   162.86 Kbytes
Page   4 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Up to 4 GHz Linear Power Silicon Bipolar Transistor

AT-64023 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-64023 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AT-64023
Download  AT-64023 Click to download

File Size   162.86 Kbytes
Page   4 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Up to 4 GHz Linear Power Silicon Bipolar Transistor

AT-64023 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

AT-64023 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AT-64023 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AT-64023 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AT-64023 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED

AT-64023 Product details

Description
The AT-64023 is a high performance NPN silicon bipolar transistor housed in a hermetic BeO flange package for good thermal characteristics. This device is designed for use in medium power, wide band amplifier and oscillator applications operating over VHF, UHF and microwave frequencies.
Excellent device uniformity, performance and reliability are produced by the use of ion-implantation, self-alignment techniques, and gold metallization in the fabrication of these devices. The use of ion-implanted ballast resistors ensures uniform current distribution through the multiple emitter fingers.

Features
• High Output Power:
   27.5 dBm Typical P1 dB at 2.0 GHz
   26.5 dBm Typical P1 dB at 4.0 GHz
• High Gain at 1 dB Compression:
   12.5 dB Typical G1 dB at 2.0 GHz
   9.5 dB Typical G1 dB at 4.0 GHz
• 35% Total Efficiency
• Emitter Ballast Resistors
• Hermetic, Metal/Beryllia Stripline Package




Similar Part No. - AT-64023

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-64023 HP-AT-64023 Datasheet
45Kb / 4P
   Up to 4 GHz Linear Power Silicon Bipolar Transistor
More results


Similar Description - AT-64023

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
PHT64023B TELEDYNE-PHT64023B Datasheet
190Kb / 2P
   Up to 4 GHz Linear Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-64020 AVAGO-AT-64020 Datasheet
196Kb / 4P
   Up to 4 GHz Linear Power Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-64020 HP-AT-64020 Datasheet
45Kb / 4P
   Up to 4 GHz Linear Power Silicon Bipolar Transistor
AT-64023 HP-AT-64023 Datasheet
45Kb / 4P
   Up to 4 GHz Linear Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-64000 AVAGO-AT-64000 Datasheet
164Kb / 4P
   Up to 4 GHz Linear Power Silicon Bipolar Transistor Chip
logo
Teledyne Technologies I...
PHT64020B TELEDYNE-PHT64020B Datasheet
159Kb / 2P
   Up to 6 GHz Linear Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-42070 AVAGO-AT-42070 Datasheet
150Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-42035 HP-AT-42035 Datasheet
53Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-42036 AVAGO-AT-42036 Datasheet
210Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-42070 HP-AT-42070 Datasheet
52Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com