Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD99F Datasheet (PDF) - Data Delay Devices, Inc.

SMD99F Datasheet PDF - Data Delay Devices, Inc.
Part # SMD99F
Download  SMD99F Download

File Size   43.86 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description 5-TAP, TTL-INTERFACED FIXED DELAY LINE

SMD99F Datasheet (PDF)

Go To PDF Page Download Datasheet
SMD99F Datasheet PDF - Data Delay Devices, Inc.

Part # SMD99F
Download  SMD99F Click to download

File Size   43.86 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description 5-TAP, TTL-INTERFACED FIXED DELAY LINE

SMD99F Datasheet (HTML) - Data Delay Devices, Inc.

SMD99F Datasheet HTML 1Page - Data Delay Devices, Inc. SMD99F Datasheet HTML 2Page - Data Delay Devices, Inc. SMD99F Datasheet HTML 3Page - Data Delay Devices, Inc. SMD99F Datasheet HTML 4Page - Data Delay Devices, Inc.

SMD99F Product details

FEATURES
• Five equally spaced outputs
• Designed for surface mounting
• Low profile (0.175 maximum height)
• Input & outputs fully TTL interfaced & buffered
• 10 T2L fan-out capability

SERIES SPECIFICATIONS
• Minimum input pulse width: 40% of total delay
• Output rise time: 2ns typical
• Supply voltage: 5VDC ± 5%
• Supply current:
   ICCL = 32ma typical
   ICCH = 7ma typical
• Operating temperature: 0° to 70° C
• Temp. coefficient of total delay: 100 PPM/°C




Similar Part No. - SMD99F

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
SMD99C DATADELAY-SMD99C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
SMD99C-5050 DATADELAY-SMD99C-5050 Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
SMD99C-5050MC2 DATADELAY-SMD99C-5050MC2 Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
SMD99C-5060 DATADELAY-SMD99C-5060 Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
SMD99C-5060MC2 DATADELAY-SMD99C-5060MC2 Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
More results


Similar Description - SMD99F

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU7C DATADELAY-DDU7C Datasheet
40Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU222F DATADELAY-DDU222F Datasheet
38Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU222F)
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU7F DATADELAY-DDU7F Datasheet
46Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU7F)
DDU8C3 DATADELAY-DDU8C3 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com