Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36MT80 Datasheet (PDF) - International Rectifier

36MT80 Datasheet PDF - International Rectifier
Part # 36MT80
Download  36MT80 Download

File Size   75.59 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description THREE PHASE BRIDGE Power Modules

36MT80 Datasheet (PDF)

Go To PDF Page Download Datasheet
36MT80 Datasheet PDF - International Rectifier

Part # 36MT80
Download  36MT80 Click to download

File Size   75.59 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description THREE PHASE BRIDGE Power Modules

36MT80 Datasheet (HTML) - International Rectifier

36MT80 Datasheet HTML 1Page - International Rectifier 36MT80 Datasheet HTML 2Page - International Rectifier 36MT80 Datasheet HTML 3Page - International Rectifier 36MT80 Datasheet HTML 4Page - International Rectifier 36MT80 Datasheet HTML 5Page - International Rectifier 36MT80 Datasheet HTML 6Page - International Rectifier



Similar Part No. - 36MT80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36MT80 VISHAY-36MT80 Datasheet
187Kb / 7P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
More results


Similar Description - 36MT80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
VS-301MT...C VISHAY-VS-301MT...C_V02 Datasheet
183Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2023
VS-40MT160KPBF VISHAY-VS-40MT160KPBF_V02 Datasheet
113Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
01-Jan-2023
VS-130MTC VISHAY-VS-130MTC_V01 Datasheet
155Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-131MTC VISHAY-VS-131MTC Datasheet
185Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-161MTC VISHAY-VS-161MTC Datasheet
182Kb / 6P
   Three Phase Bridge, 160 A (Power Modules)
01-Jan-2022
VS-300MTC VISHAY-VS-300MTC_V01 Datasheet
153Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2022
VS-301MTC VISHAY-VS-301MTC Datasheet
184Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2022
VS-40MT160KPBF VISHAY-VS-40MT160KPBF_V01 Datasheet
112Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
01-Jan-2022
VS-131MT...C VISHAY-VS-131MT...C_V01 Datasheet
185Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2023
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com