Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2982IM5X-3.0 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LP2982IM5X-3.0 Datasheet PDF - National Semiconductor (TI)
Part # LP2982IM5X-3.0
Download  LP2982IM5X-3.0 Download

File Size   411.22 Kbytes
Page   17 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Micropower 50 mA Ultra Low-Dropout Regulator

LP2982IM5X-3.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2982IM5X-3.0 Datasheet PDF - National Semiconductor (TI)

Part # LP2982IM5X-3.0
Download  LP2982IM5X-3.0 Click to download

File Size   411.22 Kbytes
Page   17 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Micropower 50 mA Ultra Low-Dropout Regulator

LP2982IM5X-3.0 Datasheet (HTML) - National Semiconductor (TI)

Back Button LP2982IM5X-3.0 Datasheet HTML 1Page - National Semiconductor (TI) LP2982IM5X-3.0 Datasheet HTML 2Page - National Semiconductor (TI) LP2982IM5X-3.0 Datasheet HTML 3Page - National Semiconductor (TI) LP2982IM5X-3.0 Datasheet HTML 4Page - National Semiconductor (TI) LP2982IM5X-3.0 Datasheet HTML 5Page - National Semiconductor (TI) LP2982IM5X-3.0 Datasheet HTML 6Page - National Semiconductor (TI) LP2982IM5X-3.0 Datasheet HTML 7Page - National Semiconductor (TI) LP2982IM5X-3.0 Datasheet HTML 8Page - National Semiconductor (TI) LP2982IM5X-3.0 Datasheet HTML 9Page - National Semiconductor (TI) LP2982IM5X-3.0 Datasheet HTML 10Page - National Semiconductor (TI) Next Button 



Similar Part No. - LP2982IM5X-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2982IM5X-3.0/NOPB TI1-LP2982IM5X-3.0/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Micropower Ultra-Low-Dropout LDO in SOT-23 Package
More results


Similar Description - LP2982IM5X-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com