Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD17C68P Datasheet (PDF) - Vishay Siliconix

BZD17C68P Datasheet PDF - Vishay Siliconix
Part # BZD17C68P
Download  BZD17C68P Download

File Size   85.83 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Zener Diodes

BZD17C68P Datasheet (PDF)

Go To PDF Page Download Datasheet
BZD17C68P Datasheet PDF - Vishay Siliconix

Part # BZD17C68P
Download  BZD17C68P Click to download

File Size   85.83 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Zener Diodes

BZD17C68P Datasheet (HTML) - Vishay Siliconix

BZD17C68P Datasheet HTML 1Page - Vishay Siliconix BZD17C68P Datasheet HTML 2Page - Vishay Siliconix BZD17C68P Datasheet HTML 3Page - Vishay Siliconix BZD17C68P Datasheet HTML 4Page - Vishay Siliconix BZD17C68P Datasheet HTML 5Page - Vishay Siliconix

BZD17C68P Product details

• Sillicon planar zener diodes
• Low profile surface-mount package
• Low leakage current
• Excellent stability
• High temperature soldering: 260 °C/10 s at terminals
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC




Similar Part No. - BZD17C68P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZD17C68P TSC-BZD17C68P Datasheet
449Kb / 3P
   0.8 Watts Voltage Regulator Diodes
BZD17C68P TSC-BZD17C68P Datasheet
199Kb / 5P
   0.8W, 11V - 220V Voltage Regulator Diodes
More results


Similar Description - BZD17C68P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com