Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiHLI530G Datasheet (PDF) - Vishay Siliconix

SiHLI530G Datasheet PDF - Vishay Siliconix
Part # SiHLI530G
Download  SiHLI530G Download

File Size   1543.83 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description  Power MOSFET

SiHLI530G Datasheet (PDF)

Go To PDF Page Download Datasheet
SiHLI530G Datasheet PDF - Vishay Siliconix

Part # SiHLI530G
Download  SiHLI530G Click to download

File Size   1543.83 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description  Power MOSFET

SiHLI530G Datasheet (HTML) - Vishay Siliconix

SiHLI530G Datasheet HTML 1Page - Vishay Siliconix SiHLI530G Datasheet HTML 2Page - Vishay Siliconix SiHLI530G Datasheet HTML 3Page - Vishay Siliconix SiHLI530G Datasheet HTML 4Page - Vishay Siliconix SiHLI530G Datasheet HTML 5Page - Vishay Siliconix SiHLI530G Datasheet HTML 6Page - Vishay Siliconix SiHLI530G Datasheet HTML 7Page - Vishay Siliconix SiHLI530G Datasheet HTML 8Page - Vishay Siliconix

SiHLI530G Product details

• Isolated Package
• High Voltage Isolation = 2.5 kVRMS (t = 60 s;
f = 60 Hz)
• Sink to Lead Creepage Dist. = 4.8 mm
• Logic-Level Gate Drive
• RDS(on) Specified at VGS = 4 V and 5 V
• Fast Switching
• Ease of paralleling
• Lead (Pb)-free Available




Similar Part No. - SiHLI530G

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIHLI530G TFUNK-SIHLI530G Datasheet
1Mb / 8P
   Power MOSFET
More results


Similar Description - SiHLI530G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com