Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

302 Datasheet (PDF) - Vishay Siliconix

302 Datasheet PDF - Vishay Siliconix
Part # 302
Download  302 Download

File Size   101.35 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2" (50.8 mm) Single Turn Wirewound Precision Potentiometer

302 Datasheet (PDF)

Go To PDF Page Download Datasheet
302 Datasheet PDF - Vishay Siliconix

Part # 302
Download  302 Click to download

File Size   101.35 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2" (50.8 mm) Single Turn Wirewound Precision Potentiometer

302 Datasheet (HTML) - Vishay Siliconix

302 Datasheet HTML 1Page - Vishay Siliconix 302 Datasheet HTML 2Page - Vishay Siliconix 302 Datasheet HTML 3Page - Vishay Siliconix 302 Datasheet HTML 4Page - Vishay Siliconix

302 Product details

• Screw, servo and bushing mount types
available
• Large range of ohmic values: 5 ohm to 85 k ohm
• Extra taps upon request
• Gangable up to 6 sections on a same shaft




Similar Part No. - 302

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
302 DBLECTRO-302 Datasheet
326Kb / 1P
   SCREW TYPE SERIES
logo
List of Unclassifed Man...
302 ETC2-302 Datasheet
98Kb / 1P
   Indicates Phase Presence
logo
Vishay Siliconix
302 VISHAY-302 Datasheet
99Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
   Socket terminal strip Screw connection
04.18
logo
Fluke Corporation
302++ FLUKE-302+ Datasheet
1Mb / 24P
   Clamp Meter
More results






About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com