Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F160DB90 Datasheet (PDF) - Advanced Micro Devices

AM29F160DB90 Datasheet PDF - Advanced Micro Devices
Part # AM29F160DB90
Download  AM29F160DB90 Download

File Size   914.92 Kbytes
Page   46 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory

AM29F160DB90 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM29F160DB90 Datasheet PDF - Advanced Micro Devices

Part # AM29F160DB90
Download  AM29F160DB90 Click to download

File Size   914.92 Kbytes
Page   46 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory

AM29F160DB90 Datasheet (HTML) - Advanced Micro Devices

Back Button AM29F160DB90 Datasheet HTML 1Page - Advanced Micro Devices AM29F160DB90 Datasheet HTML 2Page - Advanced Micro Devices AM29F160DB90 Datasheet HTML 3Page - Advanced Micro Devices AM29F160DB90 Datasheet HTML 4Page - Advanced Micro Devices AM29F160DB90 Datasheet HTML 5Page - Advanced Micro Devices AM29F160DB90 Datasheet HTML 6Page - Advanced Micro Devices AM29F160DB90 Datasheet HTML 7Page - Advanced Micro Devices AM29F160DB90 Datasheet HTML 8Page - Advanced Micro Devices AM29F160DB90 Datasheet HTML 9Page - Advanced Micro Devices AM29F160DB90 Datasheet HTML 10Page - Advanced Micro Devices Next Button 

AM29F160DB90 Product details

GENERAL DESCRIPTION
The Am29F160D is a 16 Mbit, 5.0 Volt-only Flash memory device organized as 2,097,152 bytes or 1,048,576 words. Data appears on DQ0-DQ7 or DQ0-DQ15 depending on the data width selected. The device is designed to be programmed in-system with the standard system 5.0 volt VCC supply. A 12.0 volt VPP is not required for program or erase operations. The device can also be programmed in standard EPROM programmers.

DISTINCTIVE CHARACTERISTICS
■ 5.0 Volt single power supply operation
   — Minimizes system-level power requirements
■ High performance
   — Access times as fast as 70 ns
■ Manufactured on 0.25 µm process technology
■ CFI (Common Flash Interface) compliant
   — Provides device-specific information to the
      system, allowing host software to easily
      reconfigure for different Flash devices
■ Ultra low power consumption (typical values at 5 MHz)
   — 15 mA typical active read current
   — 35 mA typical erase/program current
   — 300 nA typical standby mode current
■ Flexible sector architecture
   — One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
      thirty-one 64 Kbyte sectors (byte mode)
   — One 8 Kword, two 4 Kword, one 16 Kword, and
      thirty-one 32 Kword sectors (word mode)
   — Supports full chip erase
   — Sector Protection features:
   — Hardware method of locking a sector to prevent
      program or erase operations within that sector
   — Sectors can be locked in-system or via
      programming equipment
   — Temporary Sector Unprotect feature allows code
      changes in previously locked sectors
■ Top boot or bottom boot configurations available
■ Minimum 1,000,000 write cycle guarantee per sector
■ 20-year data retention at 125°C
   — Reliable operation for the life of the system
■ Package options
   — 48-pin TSOP (Continue ...)




Similar Part No. - AM29F160DB90

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29F160DB90 SPANSION-AM29F160DB90 Datasheet
1Mb / 47P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F160DB90EC SPANSION-AM29F160DB90EC Datasheet
1Mb / 47P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F160DB90ED SPANSION-AM29F160DB90ED Datasheet
1Mb / 47P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F160DB90EF SPANSION-AM29F160DB90EF Datasheet
1Mb / 47P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F160DB90EI SPANSION-AM29F160DB90EI Datasheet
1Mb / 47P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Similar Description - AM29F160DB90

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29F160D SPANSION-AM29F160D_10 Datasheet
1Mb / 47P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F160D SPANSION-AM29F160D_06 Datasheet
1Mb / 47P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B-1 AMD-AM29LV160B-1 Datasheet
695Kb / 48P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AS016J SPANSION-S29AS016J Datasheet
1Mb / 60P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com