Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2940T-L-5-0 Datasheet (PDF) - Sipex Corporation

SPX2940T-L-5-0 Datasheet PDF - Sipex Corporation
Part # SPX2940T-L-5-0
Download  SPX2940T-L-5-0 Download

File Size   616.39 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1A Low Dropout Voltage Regulator

SPX2940T-L-5-0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2940T-L-5-0 Datasheet PDF - Sipex Corporation

Part # SPX2940T-L-5-0
Download  SPX2940T-L-5-0 Click to download

File Size   616.39 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1A Low Dropout Voltage Regulator

SPX2940T-L-5-0 Datasheet (HTML) - Sipex Corporation

SPX2940T-L-5-0 Datasheet HTML 1Page - Sipex Corporation SPX2940T-L-5-0 Datasheet HTML 2Page - Sipex Corporation SPX2940T-L-5-0 Datasheet HTML 3Page - Sipex Corporation SPX2940T-L-5-0 Datasheet HTML 4Page - Sipex Corporation SPX2940T-L-5-0 Datasheet HTML 5Page - Sipex Corporation SPX2940T-L-5-0 Datasheet HTML 6Page - Sipex Corporation SPX2940T-L-5-0 Datasheet HTML 7Page - Sipex Corporation SPX2940T-L-5-0 Datasheet HTML 8Page - Sipex Corporation SPX2940T-L-5-0 Datasheet HTML 9Page - Sipex Corporation SPX2940T-L-5-0 Datasheet HTML 10Page - Sipex Corporation

SPX2940T-L-5-0 Product details

GENERAL DESCRIPTION
The SPX2940 is a 1A, accurate voltage
regulators with a low drop out voltage of
280mV (typical) at 1A.
These regulators are specifically designed for
low voltage applications that require a low
dropout voltage and a fast transient response.
They are fully fault protected against overcurrent,
reverse battery, and positive and
negative voltage transients.
The SPX2940 is offered in 3-pin TO-220 & TO-
263 packages. For a 3A version, refer to the
SPX29300 data sheet.

APPLICATIONS
• Power Supplies
• LCD Monitors
• Portable Instrumentation
• Medical and Industrial Equipments

FEATURES
• Guaranteed 1.5A Peak Current
• Low Quiescent Current
• Low Dropout Voltage of 280mV at 1A
• Extremely Tight Load and Line
Regulation
• Extremely Fast Transient Response
• Reverse-battery Protection
• Internal Thermal Protection
• Internal Short Circuit Current Limit
• Replacement for LM2940, MIC2940A,
AS2940
• Standard TO-220 and TO-263 packages



Similar Part No. - SPX2940T-L-5-0

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX2940T-L-5-0/TR EXAR-SPX2940T-L-5-0/TR Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
More results


Similar Description - SPX2940T-L-5-0

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117_07 Datasheet
330Kb / 7P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910_08 Datasheet
71Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com