Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-ISA114V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA114V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA114V1
Download  STEVAL-ISA114V1 Download

File Size   571.83 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V, 160 mA non-isolated buck converter using VIPer??Plus - VIPER06XS

STEVAL-ISA114V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA114V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA114V1
Download  STEVAL-ISA114V1 Click to download

File Size   571.83 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V, 160 mA non-isolated buck converter using VIPer??Plus - VIPER06XS

STEVAL-ISA114V1 Datasheet (HTML) - STMicroelectronics

STEVAL-ISA114V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 8Page - STMicroelectronics

STEVAL-ISA114V1 Product details

Description
The STEVAL-ISA114V1 evaluation board
describes a 5 V- 0.15 A power supply set in buck
topology with the VIPer06XS, a new off-line high
voltage converter by STMicroelectronics,
specifically developed for non-isolated SMPS.
The features of the device include an 800 V
avalanche rugged power section, PWM operation
at 30 kHz with frequency jittering for lower EMI,
limiting current with adjustable set point, onboard soft-start, safe auto-restart after a fault
condition and low standby power consumption.
The available protection includes a thermal
shutdown with hysteresis, delayed overload
protection and open loop failure protection. All
protection is auto-restart mode.

Features
 Universal input mains range:
 input voltage: 90 - 264 VAC
 frequency: 45 - 65 Hz
 Single-output voltage:
 5 V @ 0.16 A continuous operation
 Fully protected against faults (overload,
feedback disconnection and overheating)
 EMI: according to EN55022-Class-B
 RoHS compliant




Similar Part No. - STEVAL-ISA114V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
   12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
February 2013 Rev 1
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
   Wide-range single-output demonstration board based on the VIPER26HN
December 2012 Rev 1
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
   Complying with EuP Lot 6 requirements
January 2013 Rev 1
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
   Wide range single-output demonstration board based on the VIPER06HS
January 2013 Rev 1
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
   12 V, 150 mA non-isolated buck converter using VIPer??Plus - VIPER06XS
May 2014 Rev 2
More results


Similar Description - STEVAL-ISA114V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
   12 V, 150 mA non-isolated buck converter using VIPer??Plus - VIPER06XS
May 2014 Rev 2
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
   15 V, 0.15 A buck converter using VIPer??Plus ??VIPer0P
March 2016 Rev 1
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
   12 V - 0.6 A flyback isolated converter using VIPer??Plus ??VIPer0P
July 2016 Rev 1
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
   5 V, 0.85 A flyback converter using VIPer??Plus ??VIPer01
September 2016 Rev 2
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
   4 W, 12 V output, isolated flyback converter using VIPer??Plus - VIPER06HS
May 2014 Rev 2
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
   3W, 5V output, isolated flyback converter using VIPer??Plus - VIPER06HN
May 2014 Rev 2
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
   15W, 12V output, isolated flyback converter using VIPer??Plus - VIPER37HE
November 2014 Rev 2
logo
Power Integrations, Inc...
DER-49 POWERINT-DER-49 Datasheet
578Kb / 17P
   3W Non-Isolated Buck-Boost Converter using LNK305P
DER-92 POWERINT-DER-92 Datasheet
251Kb / 14P
   0.5W Non-Isolated Buck-Boost Converter using the LNK302P
logo
STMicroelectronics
STEVAL-ISA196V1 STMICROELECTRONICS-STEVAL-ISA196V1 Datasheet
211Kb / 4P
   5 V / 1.2 A non-isolated flyback converter using VIPerPlus ??VIPer114LS
September 2017 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com