Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMK325B7225KN-T Datasheet (PDF) - Vishay Siliconix

HMK325B7225KN-T Datasheet PDF - Vishay Siliconix
Part # HMK325B7225KN-T
Download  HMK325B7225KN-T Download

File Size   1061.6 Kbytes
Page   23 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 60 V Input, 6 A Synchronous Buck Regulator

HMK325B7225KN-T Datasheet (PDF)

Go To PDF Page Download Datasheet
HMK325B7225KN-T Datasheet PDF - Vishay Siliconix

Part # HMK325B7225KN-T
Download  HMK325B7225KN-T Click to download

File Size   1061.6 Kbytes
Page   23 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 60 V Input, 6 A Synchronous Buck Regulator

HMK325B7225KN-T Datasheet (HTML) - Vishay Siliconix

Back Button HMK325B7225KN-T Datasheet HTML 1Page - Vishay Siliconix HMK325B7225KN-T Datasheet HTML 2Page - Vishay Siliconix HMK325B7225KN-T Datasheet HTML 3Page - Vishay Siliconix HMK325B7225KN-T Datasheet HTML 4Page - Vishay Siliconix HMK325B7225KN-T Datasheet HTML 5Page - Vishay Siliconix HMK325B7225KN-T Datasheet HTML 6Page - Vishay Siliconix HMK325B7225KN-T Datasheet HTML 7Page - Vishay Siliconix HMK325B7225KN-T Datasheet HTML 8Page - Vishay Siliconix HMK325B7225KN-T Datasheet HTML 9Page - Vishay Siliconix HMK325B7225KN-T Datasheet HTML 10Page - Vishay Siliconix Next Button 

HMK325B7225KN-T Product details

• Single supply operation from 4.5 V to 60 V input voltage
• Adjustable output voltage down to 0.8 V
• 6 A continuous output current
• Adjustable switching frequency from 100 kHz to 2 MHz
• Adjustable current limit and soft start
• 98 % peak efficiency
• Ultra-fast transient response
• ± 1 % output voltage accuracy
• Normal, ultrasonic or pulse skipping operation
• 5 μA shutdown current
• 250 μA operating current
• Cycle-by-cycle current limit
• Output overvoltage protection
• Output undervoltage / short circuit protection
• Output voltage tracking and sequencing
• Scalable family of output current:
3 A (SiC463), 6 A (SiC462), 10 A (SiC461)




Similar Part No. - HMK325B7225KN-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HMK325B7225KM-P TAIYO-YUDEN-HMK325B7225KM-P Datasheet
328Kb / 2P
   Medium-High Voltage Multilayer Ceramic Capacitors
HMK325B7225KM-T TAIYO-YUDEN-HMK325B7225KM-T Datasheet
287Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
HMK325B7225KMHP TAIYO-YUDEN-HMK325B7225KMHP Datasheet
288Kb / 2P
   Mass Production
HMK325B7225KMHT TAIYO-YUDEN-HMK325B7225KMHT Datasheet
290Kb / 2P
   Medium-High Voltage MLCC for Automotive
More results


Similar Description - HMK325B7225KN-T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com