Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM32ER61E226KE15L Datasheet (PDF) - Vishay Siliconix

GRM32ER61E226KE15L Datasheet PDF - Vishay Siliconix
Part # GRM32ER61E226KE15L
Download  GRM32ER61E226KE15L Download

File Size   1061.6 Kbytes
Page   23 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 60 V Input, 6 A Synchronous Buck Regulator

GRM32ER61E226KE15L Datasheet (PDF)

Go To PDF Page Download Datasheet
GRM32ER61E226KE15L Datasheet PDF - Vishay Siliconix

Part # GRM32ER61E226KE15L
Download  GRM32ER61E226KE15L Click to download

File Size   1061.6 Kbytes
Page   23 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 60 V Input, 6 A Synchronous Buck Regulator

GRM32ER61E226KE15L Datasheet (HTML) - Vishay Siliconix

Back Button GRM32ER61E226KE15L Datasheet HTML 1Page - Vishay Siliconix GRM32ER61E226KE15L Datasheet HTML 2Page - Vishay Siliconix GRM32ER61E226KE15L Datasheet HTML 3Page - Vishay Siliconix GRM32ER61E226KE15L Datasheet HTML 4Page - Vishay Siliconix GRM32ER61E226KE15L Datasheet HTML 5Page - Vishay Siliconix GRM32ER61E226KE15L Datasheet HTML 6Page - Vishay Siliconix GRM32ER61E226KE15L Datasheet HTML 7Page - Vishay Siliconix GRM32ER61E226KE15L Datasheet HTML 8Page - Vishay Siliconix GRM32ER61E226KE15L Datasheet HTML 9Page - Vishay Siliconix GRM32ER61E226KE15L Datasheet HTML 10Page - Vishay Siliconix Next Button 

GRM32ER61E226KE15L Product details

• Single supply operation from 4.5 V to 60 V input voltage
• Adjustable output voltage down to 0.8 V
• 6 A continuous output current
• Adjustable switching frequency from 100 kHz to 2 MHz
• Adjustable current limit and soft start
• 98 % peak efficiency
• Ultra-fast transient response
• ± 1 % output voltage accuracy
• Normal, ultrasonic or pulse skipping operation
• 5 μA shutdown current
• 250 μA operating current
• Cycle-by-cycle current limit
• Output overvoltage protection
• Output undervoltage / short circuit protection
• Output voltage tracking and sequencing
• Scalable family of output current:
3 A (SiC463), 6 A (SiC462), 10 A (SiC461)




Similar Part No. - GRM32ER61E226KE15L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
GRM32ER61E226KE15L AOSMD-GRM32ER61E226KE15L Datasheet
200Kb / 4P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
logo
Enpirion, Inc.
GRM32ER61E226KE15L ENPIRION-GRM32ER61E226KE15L Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
logo
Intersil Corporation
GRM32ER61E226KE15L INTERSIL-GRM32ER61E226KE15L Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Murata Manufacturing Co...
GRM32ER61E226KE15L MURATA-GRM32ER61E226KE15L Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
logo
Intersil Corporation
GRM32ER61E226KE15L INTERSIL-GRM32ER61E226KE15L Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
More results


Similar Description - GRM32ER61E226KE15L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com