Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH690D Datasheet (PDF) - Vishay Siliconix

SFH690D Datasheet PDF - Vishay Siliconix
Part # SFH690D
Download  SFH690D Download

File Size   135.55 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package

SFH690D Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH690D Datasheet PDF - Vishay Siliconix

Part # SFH690D
Download  SFH690D Click to download

File Size   135.55 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package

SFH690D Datasheet (HTML) - Vishay Siliconix

SFH690D Datasheet HTML 1Page - Vishay Siliconix SFH690D Datasheet HTML 2Page - Vishay Siliconix SFH690D Datasheet HTML 3Page - Vishay Siliconix SFH690D Datasheet HTML 4Page - Vishay Siliconix SFH690D Datasheet HTML 5Page - Vishay Siliconix SFH690D Datasheet HTML 6Page - Vishay Siliconix SFH690D Datasheet HTML 7Page - Vishay Siliconix SFH690D Datasheet HTML 8Page - Vishay Siliconix

SFH690D Product details

• SOP (small outline package)
• Isolation test voltage, 3750 VRMS (1 s)
• High collector emitter breakdown voltage,
VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Temperature stable
• Low coupling capacitance
• End-stackable, 0.100" (2.54 mm) spacing




Similar Part No. - SFH690D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH690D VISHAY-SFH690D Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
SFH690D VISHAY-SFH690D Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2023
SFH690D-X001T VISHAY-SFH690D-X001T Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
SFH690DT VISHAY-SFH690DT Datasheet
129Kb / 7P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Rev. 2.5, 23-May-13
SFH690DT VISHAY-SFH690DT Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
More results


Similar Description - SFH690D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH690DT VISHAY-SFH690DT Datasheet
129Kb / 7P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Rev. 2.5, 23-May-13
SFH690D VISHAY-SFH690D_V01 Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
SFH690AB VISHAY-SFH690AB_V02 Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2023
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.5, 20-Apr-04
SFH691AT VISHAY-SFH691AT_08 Datasheet
97Kb / 5P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
Rev. 1.7, 16-May-08
SFH691AT VISHAY-SFH691AT Datasheet
117Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
Rev. 1.6, 26-Oct-04
SFH691AT VISHAY-SFH691AT_V02 Datasheet
97Kb / 5P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
01-Jan-2023
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com