Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCLT1117 Datasheet (PDF) - Vishay Siliconix

TCLT1117 Datasheet PDF - Vishay Siliconix
Part # TCLT1117
Download  TCLT1117 Download

File Size   152.47 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package

TCLT1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCLT1117 Datasheet PDF - Vishay Siliconix

Part # TCLT1117
Download  TCLT1117 Click to download

File Size   152.47 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package

TCLT1117 Datasheet (HTML) - Vishay Siliconix

TCLT1117 Datasheet HTML 1Page - Vishay Siliconix TCLT1117 Datasheet HTML 2Page - Vishay Siliconix TCLT1117 Datasheet HTML 3Page - Vishay Siliconix TCLT1117 Datasheet HTML 4Page - Vishay Siliconix TCLT1117 Datasheet HTML 5Page - Vishay Siliconix TCLT1117 Datasheet HTML 6Page - Vishay Siliconix TCLT1117 Datasheet HTML 7Page - Vishay Siliconix

TCLT1117 Product details

• SMD low profile 5 pin package
• Isolation test voltage 5000 VRMS
• CTR flexibility available see order information
• Special construction
• Extra low coupling capacitance
• Connected base
• DC input with transistor output
• Temperature range -55 °C to 110 °C
• Creepage distance > 8 mm



Similar Part No. - TCLT1117

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1117 VISHAY-TCLT1117 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
01-Jan-2022
More results


Similar Description - TCLT1117

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT111 VISHAY-TCLT111_V01 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
01-Jan-2022
TCLT111 VISHAY-TCLT111_V02 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
01-Jan-2023
TCLT11 VISHAY-TCLT11 Datasheet
205Kb / 9P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 1.8, 03-Dec-04
TCLT1100 VISHAY-TCLT1100 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 2.1, 09-Jan-08
TCLT110 VISHAY-TCLT110 Datasheet
158Kb / 6P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 2.5, 16-May-13
TCLT1017 VISHAY-TCLT1017 Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, SOP-6L4, 110 C Rated, Long Mini-Flat Package
Rev. 1.7, 08-Jan-14
SFH1690BT VISHAY-SFH1690BT Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 C Rated
Rev. 2.1, 23-May-13
SFH1690AT VISHAY-SFH1690AT_V01 Datasheet
131Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
01-Jan-2022
SFH1690AT VISHAY-SFH1690AT_V02 Datasheet
131Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
01-Jan-2023
TCLT101 VISHAY-TCLT101 Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package
Rev. 1.7, 08-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com