Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R475N21000003K Datasheet (PDF) - Kemet Corporation

R475N21000003K Datasheet PDF - Kemet Corporation
Part # R475N21000003K
Download  R475N21000003K Download

File Size   1299.27 Kbytes
Page   14 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description R47 Series, Class X2, 520 VAC (Automotive Grade)

R475N21000003K Datasheet (PDF)

Go To PDF Page Download Datasheet
R475N21000003K Datasheet PDF - Kemet Corporation

Part # R475N21000003K
Download  R475N21000003K Click to download

File Size   1299.27 Kbytes
Page   14 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description R47 Series, Class X2, 520 VAC (Automotive Grade)

R475N21000003K Datasheet (HTML) - Kemet Corporation

Back Button R475N21000003K Datasheet HTML 1Page - Kemet Corporation R475N21000003K Datasheet HTML 2Page - Kemet Corporation R475N21000003K Datasheet HTML 3Page - Kemet Corporation R475N21000003K Datasheet HTML 4Page - Kemet Corporation R475N21000003K Datasheet HTML 5Page - Kemet Corporation R475N21000003K Datasheet HTML 6Page - Kemet Corporation R475N21000003K Datasheet HTML 7Page - Kemet Corporation R475N21000003K Datasheet HTML 8Page - Kemet Corporation R475N21000003K Datasheet HTML 9Page - Kemet Corporation R475N21000003K Datasheet HTML 10Page - Kemet Corporation Next Button 



Similar Part No. - R475N21000003K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R475N21000003K KEMET-R475N21000003K Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Similar Description - R475N21000003K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R533I347000P0M KEMET-R533I347000P0M Datasheet
1Mb / 17P
   R53 (Miniature), THB Grade IIIB, Class X2, 310 VAC, 110째C (Automotive Grade)
R53BI31000000MC-SPEC KEMET-R53BI31000000MC-SPEC Datasheet
1Mb / 20P
   R53B, THB Grade IIIB, Class X2, 350 VAC, 125°C (Automotive Grade)
1/11/2022
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
F862BC104M310Z KEMET-F862BC104M310Z Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
   F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
R46KI322000M2K KEMET-R46KI322000M2K Datasheet
3Mb / 16P
   R46 Series, Class X2, 275 VAC, 110C
R46KI347000P0M KEMET-R46KI347000P0M Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R463N322000H1M KEMET-R463N322000H1M Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
   Metallized Polypropylene Film, Class X2, 310 VAC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com