Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT2828T Datasheet (PDF) - Pericom Semiconductor Corporation

PI74FCT2828T Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74FCT2828T
Download  PI74FCT2828T Download

File Size   105.48 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 10-Bit Buffers

PI74FCT2828T Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74FCT2828T Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74FCT2828T
Download  PI74FCT2828T Click to download

File Size   105.48 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 10-Bit Buffers

PI74FCT2828T Datasheet (HTML) - Pericom Semiconductor Corporation

PI74FCT2828T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT2828T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT2828T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT2828T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT2828T Datasheet HTML 5Page - Pericom Semiconductor Corporation

PI74FCT2828T Product details

Product Description
Pericom Semiconductor’s PI74FCT series of logic circuits are produced in the Company’s advanced 0.8 micron CMOS technology, achieving industry leading speed grades. All PI74FCT2XXX devices have a built-in 25-ohm series resistor on all outputs to reduce noise because of reflections, thus eliminating the need for an external terminating resistor.

Product Features
• PI74FCT827/828/2827/2828T are pin compatible with bipolar FAST™ Series at a higher speed and lower power consumption
• 25Ω series resistor on all outputs (FCT2XXX only)
• TTL input and output levels
• Low ground bounce outputs
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
    – 24-pin 300-mil wide plastic DIP (P)
    – 24-pin 150-mil wide plastic QSOP (Q)
    – 24-pin 150-mil wide plastic TQSOP (R)
    – 24-pin 300-mil wide plastic SOIC (S)




Similar Part No. - PI74FCT2828T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT2821T PERICOM-PI74FCT2821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
PI74FCT2823T PERICOM-PI74FCT2823T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
More results


Similar Description - PI74FCT2828T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT827AT IDT-IDT74FCT827AT Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74LCX827 PERICOM-PI74LCX827 Datasheet
152Kb / 7P
   Fast CMOS 3.3V 10-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT16827AT IDT-IDT74FCT16827AT Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT3827A IDT-IDT74FCT3827A Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
logo
Recom International Pow...
PI74LPT16827 RECOM-PI74LPT16827 Datasheet
49Kb / 5P
   Fast CMOS 3.3V 20-Bit Buffers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
   10-Bit Buffers/Line Drivers
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
logo
Texas Instruments
CY74FCT827ATSOCTE4 TI1-CY74FCT827ATSOCTE4 Datasheet
289Kb / 11P
[Old version datasheet]   10-BIT BUFFERS WITH 3-STATE OUTPUTS
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
   LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com