Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32L152CCU6 Datasheet (PDF) - STMicroelectronics

STM32L152CCU6 Datasheet PDF - STMicroelectronics
Part # STM32L152CCU6
Download  STM32L152CCU6 Download

File Size   2032.67 Kbytes
Page   136 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and supply management

STM32L152CCU6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32L152CCU6 Datasheet PDF - STMicroelectronics

Part # STM32L152CCU6
Download  STM32L152CCU6 Click to download

File Size   2032.67 Kbytes
Page   136 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and supply management

STM32L152CCU6 Datasheet (HTML) - STMicroelectronics

Back Button STM32L152CCU6 Datasheet HTML 1Page - STMicroelectronics STM32L152CCU6 Datasheet HTML 2Page - STMicroelectronics STM32L152CCU6 Datasheet HTML 3Page - STMicroelectronics STM32L152CCU6 Datasheet HTML 4Page - STMicroelectronics STM32L152CCU6 Datasheet HTML 5Page - STMicroelectronics STM32L152CCU6 Datasheet HTML 6Page - STMicroelectronics STM32L152CCU6 Datasheet HTML 7Page - STMicroelectronics STM32L152CCU6 Datasheet HTML 8Page - STMicroelectronics STM32L152CCU6 Datasheet HTML 9Page - STMicroelectronics STM32L152CCU6 Datasheet HTML 10Page - STMicroelectronics Next Button 

STM32L152CCU6 Product details

Description
The ultra-low-power STM32L151xC and STM32L152xC devices incorporate the connectivity power of the universal serial bus (USB) with the high-performance ARM® Cortex®-M3 32-bit RISC core operating at a frequency of 32 MHz (33.3 DMIPS), a memory protection unit (MPU), high-speed embedded memories (Flash memory up to 256 Kbytes and RAM up to 32 Kbytes) and an extensive range of enhanced I/Os and peripherals connected to two APB buses.

Features
• Ultra-low-power platform
   – 1.65 V to 3.6 V power supply
   – -40 °C to 105 °C temperature range
   – 0.29µA Standby mode (3 wakeup pins)
   – 1.15 µA Standby mode + RTC
   – 0.44 µA Stop mode (16 wakeup lines)
   – 1.4 µA Stop mode + RTC
   – 8.6 µA Low-power run mode
   – 185 µA/MHz Run mode
   – 10 nA ultra-low I/O leakage
   – 8 µs wakeup time
• Core: ARM® Cortex®-M3 32-bit CPU
   – From 32 kHz up to 32 MHz max
   – 1.25 DMIPS/MHz (Dhrystone 2.1)
   – Memory protection unit
• Reset and supply management
   – Low-power, ultrasafe BOR (brownout reset) with 5 selectable thresholds
   – Ultra-low-power POR/PDR
   – Programmable voltage detector (PVD)
• Clock sources
   – 1 to 24 MHz crystal oscillator
   – 32 kHz oscillator for RTC with calibration
   – High Speed Internal 16 MHz factory-trimmed RC (+/- 1%)
   – Internal Low-power 37 kHz RC
   – Internal multispeed low-power 65 kHz to 4.2 MHz PLL for CPU clock and USB (48 MHz)
• Pre-programmed bootloader
   – USB and USART supported
• Development support
   – Serial wire debug supported
   – JTAG and trace supported
• Up to 83 fast I/Os (70 I/Os 5V tolerant), all mappable on 16 external interrupt vectors
• Memories
   – 256 Kbytes of Flash memory with ECC
   – 32 Kbytes of RAM
   – 8 Kbytes of true EEPROM with ECC
   – 128-byte backup register
• LCD Driver (except STM32L151xC devices) up to 8x40 segments, contrast adjustment, blinking mode, step-up converter
• Rich analog peripherals (down to 1.8 V)
   – 2x operational amplifiers
   – 12-bit ADC 1Msps up to 25 channels
   – 12-bit DAC 2 channels with output buffers
   – 2x ultra-low-power-comparators (window mode and wake up capability)
• DMA controller 12x channels
• 9x peripheral communication interfaces
   – 1x USB 2.0 (internal 48 MHz PLL)
   – 3x USARTs
   – Up to 8x SPIs (2x I2S, 3x 16 Mbit/s)
   – 2x I2Cs (SMBus/PMBus)
• 11x timers: 1x 32-bit, 6x 16-bit with up to 4 IC/OC/PWM channels, 2x 16-bit basic timers, 2x watchdog timers (independent and window)
• Up to 23 capacitive sensing channels
• CRC calculation unit, 96-bit unique ID




Similar Part No. - STM32L152CCU6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L152CCU6 STMICROELECTRONICS-STM32L152CCU6 Datasheet
2Mb / 136P
   Ultra-low-power 32-bit MCU ARM짰-based Cortex짰-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
August 2017
More results


Similar Description - STM32L152CCU6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
   Reset and supply management
October 2016 Rev 7
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
   Reset and supply management
April 2016 Rev 5
STM32F303RD STMICROELECTRONICS-STM32F303RD Datasheet
2Mb / 184P
   Reset and supply management
STM32L100RC STMICROELECTRONICS-STM32L100RC Datasheet
1Mb / 104P
   Reset and supply management
March 2015 Rev 4
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
1Mb / 122P
   Reset and supply management
May 2017 Rev 9
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
   Clock, reset and supply management
January 2011 Rev 8
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
   Clock, reset and supply management
April 2017 Rev 5
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
   Clock, reset and supply management
July 2007 Rev 1
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
   Clock, reset and supply management
March 2016 Rev 10
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
   Clock, reset and supply management
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com