Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4122 Datasheet (PDF) - Central Semiconductor Corp

1N4122 Datasheet PDF - Central Semiconductor Corp
Part # 1N4122
Download  1N4122 Download

File Size   433.58 Kbytes
Page   3 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description Consolidated shipping options

1N4122 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4122 Datasheet PDF - Central Semiconductor Corp

Part # 1N4122
Download  1N4122 Click to download

File Size   433.58 Kbytes
Page   3 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description Consolidated shipping options

1N4122 Datasheet (HTML) - Central Semiconductor Corp

1N4122 Datasheet HTML 1Page - Central Semiconductor Corp 1N4122 Datasheet HTML 2Page - Central Semiconductor Corp 1N4122 Datasheet HTML 3Page - Central Semiconductor Corp

1N4122 Product details

DESCRIPTION:

The CENTRAL SEMICONDUCTOR 1N4099 series silicon Zener diode is designed for low leakage, low current, and low noise applications.



MAXIMUM RATINGS: (TA=25°C)                   SYMBOL        UNITS

Power Dissipation                                        PD           250 mW

Operating and Storage Junction Temperature   TJ, Tstg      -65 to +200 °C




Similar Part No. - 1N4122

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4122 CDI-DIODE-1N4122 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Microsemi Corporation
1N4122 MICROSEMI-1N4122 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4122 MICROSEMI-1N4122 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4122 MICROSEMI-1N4122 Datasheet
111Kb / 2P
   LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
logo
Jinan Gude Electronic D...
1N4122 JGD-1N4122 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
More results


Similar Description - 1N4122

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N4614 CENTRAL-1N4614 Datasheet
431Kb / 3P
   Consolidated shipping options
CBR1 CENTRAL-CBR1 Datasheet
664Kb / 3P
   Consolidated shipping options
logo
Tripp Lite. All Rights ...
SRCASE4U TRIPPLITE-SRCASE4U Datasheet
171Kb / 2P
   4U ABS Server Rack Equipment Shipping Case
SRCASE6U TRIPPLITE-SRCASE6U Datasheet
181Kb / 2P
   6U ABS Server Rack Equipment Shipping Case
SRCASE2U TRIPPLITE-SRCASE2U Datasheet
164Kb / 2P
   2U ABS Server Rack Equipment Shipping Case
SRCASE10U TRIPPLITE-SRCASE10U Datasheet
198Kb / 2P
   10U ABS Server Rack Equipment Shipping Case
logo
Artesyn Technologies
LDS70 ARTESYN-LDS70 Datasheet
973Kb / 3P
   Dimming options
LDS150 ARTESYN-LDS150 Datasheet
1,019Kb / 3P
   Dimming options
LDS100 ARTESYN-LDS100 Datasheet
998Kb / 3P
   Dimming options
logo
Littelfuse
K1500GRP LITTELFUSE-K1500GRP Datasheet
306Kb / 8P
   Packing Options
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com