Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1045-10A-DO-27 Datasheet (PDF) - Nanjing International Group Co

SR1045-10A-DO-27 Datasheet PDF - Nanjing International Group Co
Part # SR1045-10A-DO-27
Download  SR1045-10A-DO-27 Download

File Size   480.98 Kbytes
Page   2 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SCHOTTKY BARRIER RECTIFIERS 10.0A

SR1045-10A-DO-27 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR1045-10A-DO-27 Datasheet PDF - Nanjing International Group Co

Part # SR1045-10A-DO-27
Download  SR1045-10A-DO-27 Click to download

File Size   480.98 Kbytes
Page   2 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SCHOTTKY BARRIER RECTIFIERS 10.0A

SR1045-10A-DO-27 Datasheet (HTML) - Nanjing International Group Co

SR1045-10A-DO-27 Datasheet HTML 1Page - Nanjing International Group Co SR1045-10A-DO-27 Datasheet HTML 2Page - Nanjing International Group Co



Similar Part No. - SR1045-10A-DO-27

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR1045-AP MCC-SR1045-AP Datasheet
317Kb / 3P
   10 Amp Schottky Barrier Rectifier 45 Volts
SR1045-BP MCC-SR1045-BP Datasheet
317Kb / 3P
   10 Amp Schottky Barrier Rectifier 45 Volts
SR1045-TP MCC-SR1045-TP Datasheet
317Kb / 3P
   10 Amp Schottky Barrier Rectifier 45 Volts
More results


Similar Description - SR1045-10A-DO-27

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SR1020 LUGUANG-SR1020 Datasheet
189Kb / 2P
   10.0A Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1080-10A-DO-27 DGNJDZ-SR1080-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1020.10A-DO-27 DGNJDZ-SR1020.10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1040-10A-DO-27 DGNJDZ-SR1040-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1020-10A-DO-27 DGNJDZ-SR1020-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1060-10A-DO-27 DGNJDZ-SR1060-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR10100-10A-DO-27 DGNJDZ-SR10100-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
PACELEADER INDUSTRIAL
MBR10100AULPS PACELEADER-MBR10100AULPS Datasheet
383Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 100V
MBR10150CT PACELEADER-MBR10150CT Datasheet
362Kb / 3P
   10.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR10150FCT PACELEADER-MBR10150FCT Datasheet
355Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 150V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com