Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST3232ECDR Datasheet (PDF) - STMicroelectronics

ST3232ECDR Datasheet PDF - STMicroelectronics
Part # ST3232ECDR
Download  ST3232ECDR Download

File Size   810.08 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 kbps minimum guaranteed data rate

ST3232ECDR Datasheet (PDF)

Go To PDF Page Download Datasheet
ST3232ECDR Datasheet PDF - STMicroelectronics

Part # ST3232ECDR
Download  ST3232ECDR Click to download

File Size   810.08 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 kbps minimum guaranteed data rate

ST3232ECDR Datasheet (HTML) - STMicroelectronics

Back Button ST3232ECDR Datasheet HTML 1Page - STMicroelectronics ST3232ECDR Datasheet HTML 2Page - STMicroelectronics ST3232ECDR Datasheet HTML 3Page - STMicroelectronics ST3232ECDR Datasheet HTML 4Page - STMicroelectronics ST3232ECDR Datasheet HTML 5Page - STMicroelectronics ST3232ECDR Datasheet HTML 6Page - STMicroelectronics ST3232ECDR Datasheet HTML 7Page - STMicroelectronics ST3232ECDR Datasheet HTML 8Page - STMicroelectronics ST3232ECDR Datasheet HTML 9Page - STMicroelectronics ST3232ECDR Datasheet HTML 10Page - STMicroelectronics Next Button 

ST3232ECDR Product details

Description

The ST3232E is a 3V powered EIA/TIA-232 and V.28/V.24 communication interfaces with low power requirements, high data-rate capabilities and enhanced electrostatic discharge (ESD) protection to ±8kV using IEC1000-4-2 Contact Discharge and ±15kV using the Human Body Model. ST3232E has a proprietary low dropout transmitter output stage providing true RS-232 performance from 3 to 5V supplies with a dual charge pump. The charge pump requires only four small 0.1µF standard external capacitors for operations from 3V supply. The ST3232E has two receivers and two drivers.



Feature summary

■ ESD protection for RS-232 I/O pins

■ ±15KV human body model

■ ±8KV IEC 1000-4-2 contact discharge

■ 300µA supply current

■ 250Kbps minimum guaranteed data rate

■ 6V/µs minimum guaranteed slew rate

■ Meet EIA/TIA-232 specifications down to 3V

■ Available in DIP-16, SO-16, SO-16 large SSOP16 and TSSOP16




Similar Part No. - ST3232ECDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3232ECDR STMICROELECTRONICS-ST3232ECDR Datasheet
426Kb / 16P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3232ECDR STMICROELECTRONICS-ST3232ECDR Datasheet
382Kb / 20P
   짹15kV ESD-Protection, 3 to 5.5V, low power, up to 250KBPS, RS-232 drivers and receivers
ST3232ECDR STMICROELECTRONICS-ST3232ECDR Datasheet
806Kb / 19P
   짹 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers
More results


Similar Description - ST3232ECDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLV3243EB STMICROELECTRONICS-STLV3243EB Datasheet
261Kb / 16P
   250 kbps minimum guaranteed data rate
January 2009 Rev 3
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
   Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Maxim Integrated Produc...
MAX13035EEVKIT MAXIM-MAX13035EEVKIT Datasheet
389Kb / 7P
   100Mbps Guaranteed Data Rates
Rev 2; 12/20
logo
STMicroelectronics
ST3243EB STMICROELECTRONICS-ST3243EB Datasheet
633Kb / 16P
   Guaranteed 6 V/ms slew rate range
October 2009 Rev 12
logo
Sharp Corporation
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
   IrDA Data Sheet 115 kbps Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
logo
Level One
SK70704 LVL1-SK70704 Datasheet
3Mb / 40P
   1168 kbps HDSL Data Pump Chip Set
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
Analog Devices
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com