Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWI25-15-E Datasheet (PDF) - CUI INC

SWI25-15-E Datasheet PDF - CUI INC
Part # SWI25-15-E
Download  SWI25-15-E Download

File Size   439.3 Kbytes
Page   4 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description up to 25.2 W continuous power

SWI25-15-E Datasheet (PDF)

Go To PDF Page Download Datasheet
SWI25-15-E Datasheet PDF - CUI INC

Part # SWI25-15-E
Download  SWI25-15-E Click to download

File Size   439.3 Kbytes
Page   4 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description up to 25.2 W continuous power

SWI25-15-E Datasheet (HTML) - CUI INC

SWI25-15-E Datasheet HTML 1Page - CUI INC SWI25-15-E Datasheet HTML 2Page - CUI INC SWI25-15-E Datasheet HTML 3Page - CUI INC SWI25-15-E Datasheet HTML 4Page - CUI INC



Similar Part No. - SWI25-15-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI25-15-E CUI-SWI25-15-E Datasheet
421Kb / 4P
   AC-DC POWER SUPPLY
11/27/2020
More results


Similar Description - SWI25-15-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI10-N CUI-SWI10-N Datasheet
550Kb / 5P
   up to 12 W continuous power
logo
Vicor Corporation
BCM384Y120X1K5AC1 VICOR-BCM384Y120X1K5AC1 Datasheet
2Mb / 23P
   Up to 1500 W continuous output power
logo
CUI INC
PBK-3 CUI-PBK-3 Datasheet
746Kb / 9P
   up to 3 W continuous output
VF-D250-DXXA CUI-VF-D250-DXXA Datasheet
466Kb / 5P
   up to 250 W continuous power w/ 16 CFM forced air
VSK-S25-5U-T CUI-VSK-S25-5U-T Datasheet
224Kb / 5P
   AC-DC POWER SUPPLY up to 25 W continuous output
logo
Artesyn Technologies
AIF ARTESYN-AIF Datasheet
549Kb / 3P
   Up to 1600 W output power
logo
List of Unclassifed Man...
MDL200 ETC2-MDL200 Datasheet
4Mb / 6P
   Power range up to 2400 W
logo
Artesyn Technologies
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
logo
XP Power Limited
HPU1K5PS12 XPPOWER-HPU1K5PS12 Datasheet
2Mb / 8P
   Output Power up to 1500 W
logo
Artesyn Technologies
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
   Total Power: Up to 1500 W
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com