Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSEV8388BGLZA2 Datasheet (PDF) - ATMEL Corporation

TSEV8388BGLZA2 Datasheet PDF - ATMEL Corporation
Part # TSEV8388BGLZA2
Download  TSEV8388BGLZA2 Download

File Size   1276.94 Kbytes
Page   57 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ADC 8-bit 1 GSPS

TSEV8388BGLZA2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSEV8388BGLZA2 Datasheet PDF - ATMEL Corporation

Part # TSEV8388BGLZA2
Download  TSEV8388BGLZA2 Click to download

File Size   1276.94 Kbytes
Page   57 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ADC 8-bit 1 GSPS

TSEV8388BGLZA2 Datasheet (HTML) - ATMEL Corporation

Back Button TSEV8388BGLZA2 Datasheet HTML 1Page - ATMEL Corporation TSEV8388BGLZA2 Datasheet HTML 2Page - ATMEL Corporation TSEV8388BGLZA2 Datasheet HTML 3Page - ATMEL Corporation TSEV8388BGLZA2 Datasheet HTML 4Page - ATMEL Corporation TSEV8388BGLZA2 Datasheet HTML 5Page - ATMEL Corporation TSEV8388BGLZA2 Datasheet HTML 6Page - ATMEL Corporation TSEV8388BGLZA2 Datasheet HTML 7Page - ATMEL Corporation TSEV8388BGLZA2 Datasheet HTML 8Page - ATMEL Corporation TSEV8388BGLZA2 Datasheet HTML 9Page - ATMEL Corporation TSEV8388BGLZA2 Datasheet HTML 10Page - ATMEL Corporation Next Button 

TSEV8388BGLZA2 Product details

Description
The TS8388B is a monolithic 8-bit analog-to-digital converter, designed for digitizing wide bandwidth analog signals at very high sampling rates of up to 1 GSPS.

Features
• 8-bit Resolution
• ADC Gain Adjust
• 1.5 GHz Full Power Input Bandwidth (-3 dB)
• 1 GSPS (min) Sampling Rate
• SINAD = 44.3 dB (7.2 Effective Bits), SFDR = 58 dBc, at FS = 1 GSPS, FIN = 20 MHz
• SINAD = 42.9 dB (7.0 Effective Bits), SFDR = 52 dBc, at FS = 1 GSPS, FIN = 500 MHz
• SINAD = 40.3 dB (6.8 Effective Bits), SFDR = 50 dBc, at FS = 1 GSPS, FIN = 1000 MHz (-3 dB FS)
• 2-tone IMD: -52 dBc (489 MHz, 490 MHz) at 1 GSPS
• DNL = 0.3 lsb, INL = 0.7 lsb
• Low Bit Error Rate (10-13) at 1 GSPS
• Very Low Input Capacitance: 3 pF
• 500 mVpp Differential or Single-ended Analog Inputs
• Differential or Single-ended 50Ω ECL Compatible Clock Inputs
• ECL or LVDS/HSTL Output Compatibility
• Data Ready Output with Asynchronous Reset
• Gray or Binary Selectable Output Data; NRZ Output Mode
• Power Consumption: 3.4W at Tj = 70°C Typical
• Radiation Tolerance Oriented Design (150 Krad (Si) measured)
• Two Package Versions
• Evaluation board: TSEV8388B
• Demultiplexer TS81102G0: Companion Device Available

Applications
• Digital Sampling Oscilloscopes
• Satellite Receiver
• Electronic Countermeasures/Electronic Warfare
• Direct RF Down-conversion



Similar Part No. - TSEV8388BGLZA2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSEV8308500GL ATMEL-TSEV8308500GL Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
TSEV8308500GLZA2 ATMEL-TSEV8308500GLZA2 Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
TSEV83102G0BGL ATMEL-TSEV83102G0BGL Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
More results


Similar Description - TSEV8388BGLZA2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
   8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
   8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com