Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM7X256-AU Datasheet (PDF) - ATMEL Corporation

AT91SAM7X256-AU Datasheet PDF - ATMEL Corporation
Part # AT91SAM7X256-AU
Download  AT91SAM7X256-AU Download

File Size   413.86 Kbytes
Page   44 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91 ARM Thumb-based Microcontrollers

AT91SAM7X256-AU Datasheet (PDF)

Go To PDF Page Download Datasheet
AT91SAM7X256-AU Datasheet PDF - ATMEL Corporation

Part # AT91SAM7X256-AU
Download  AT91SAM7X256-AU Click to download

File Size   413.86 Kbytes
Page   44 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91 ARM Thumb-based Microcontrollers

AT91SAM7X256-AU Datasheet (HTML) - ATMEL Corporation

Back Button AT91SAM7X256-AU Datasheet HTML 1Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 2Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 3Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 4Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 5Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 6Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 7Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 8Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 9Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT91SAM7X256-AU Product details

Description
Atmels AT91SAM7X512/256/128 is a member of a series of highly integrated Flash microcontrollers based on the 32-bit ARM RISC processor. It features 512/256/128 Kbyte high-speed Flash and 128/64/32 Kbyte SRAM, a large set of peripherals, including an 802.3 Ethernet MAC and a CAN controller. A complete set of system functions minimizes the number of external components.

The embedded Flash memory can be programmed in-system via the JTAG-ICE interface or via a parallel interface on a production programmer prior to mounting. Built-in lock bits and a security bit protect the firmware from accidental overwrite and preserve its confidentiality.

The AT91SAM7X512/256/128 system controller includes a reset controller capable of managing the power-on sequence of the microcontroller and the complete system. Correct device operation can be monitored by a built-in brownout detector and a watchdog running off an integrated RC oscillator.

By combining the ARM7TDMI processor with on-chip Flash and SRAM, and a wide range of peripheral functions, including USART, SPI, CAN Controller, Ethernet MAC, Timer Counter, RTT and Analog-to-Digital Converters on a monolithic chip, the AT91SAM7X512/256/128 is a powerful device that provides a flexible, cost-effective solution to many embedded control applications requiring communication over, for example, Ethernet, CAN wired and Zigbee™ wireless networks.




Similar Part No. - AT91SAM7X256-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
1Mb / 45P
   Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
803Kb / 45P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
10Mb / 687P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
AT91SAM7X256-AU-001 ATMEL-AT91SAM7X256-AU-001 Datasheet
7Mb / 664P
   AT91 ARM Thumb-based Microcontrollers
More results


Similar Description - AT91SAM7X256-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com