Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV017D-70WCI Datasheet (PDF) - Advanced Micro Devices

AM29LV017D-70WCI Datasheet PDF - Advanced Micro Devices
Part # AM29LV017D-70WCI
Download  AM29LV017D-70WCI Download

File Size   955.38 Kbytes
Page   45 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory

AM29LV017D-70WCI Datasheet (PDF)

Go To PDF Page Download Datasheet
AM29LV017D-70WCI Datasheet PDF - Advanced Micro Devices

Part # AM29LV017D-70WCI
Download  AM29LV017D-70WCI Click to download

File Size   955.38 Kbytes
Page   45 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory

AM29LV017D-70WCI Datasheet (HTML) - Advanced Micro Devices

Back Button AM29LV017D-70WCI Datasheet HTML 1Page - Advanced Micro Devices AM29LV017D-70WCI Datasheet HTML 2Page - Advanced Micro Devices AM29LV017D-70WCI Datasheet HTML 3Page - Advanced Micro Devices AM29LV017D-70WCI Datasheet HTML 4Page - Advanced Micro Devices AM29LV017D-70WCI Datasheet HTML 5Page - Advanced Micro Devices AM29LV017D-70WCI Datasheet HTML 6Page - Advanced Micro Devices AM29LV017D-70WCI Datasheet HTML 7Page - Advanced Micro Devices AM29LV017D-70WCI Datasheet HTML 8Page - Advanced Micro Devices AM29LV017D-70WCI Datasheet HTML 9Page - Advanced Micro Devices AM29LV017D-70WCI Datasheet HTML 10Page - Advanced Micro Devices Next Button 

AM29LV017D-70WCI Product details

GENERAL DESCRIPTION

The Am29LV017D is a 16 Mbit, 3.0 Volt-only Flash memory organized as 2,097,152 bytes. The device is offered in 48-ball FBGA and 40-pin TSOP packages. The byte-wide (x8) data appears on DQ7–DQ0. All read, program, and erase operations are accomplished using only a single power supply. The device can also be programmed in standard EPROM programmers.



DISTINCTIVE CHARACTERISTICS

■ Single power supply operation

   — 2.7 to 3.6 volt read and write operations for battery-powered applications

■ Manufactured on 0.23 µm process technology

   — Compatible with and replaces Am29LV017B device

■ High performance

   — Access times as fast as 70 ns

■ Ultra low power consumption (typical values at 5 MHz)

   — 200 nA Automatic Sleep mode current

   — 200 nA standby mode current

   — 9 mA read current

   — 15 mA program/erase current

■ Flexible sector architecture

   — Thirty-two 64 Kbyte sectors

   — Supports full chip erase

   — Sector Protection features:

      A hardware method of locking a sector to prevent any program or erase operations within that sector

      Sectors can be locked in-system or via programming equipment

      Temporary Sector Unprotect feature allows code changes in previously locked sectors

■ Unlock Bypass Program Command

   — Reduces overall programming time when issuing multiple program command sequences

■ Embedded Algorithms

   — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors

   — Embedded Program algorithm automatically writes and verifies data at specified addresses

■ Minimum 1,000,000 write cycle guarantee per sector

■ 20-year data retention at 125°C

   — Reliable operation for the life of the system

■ Package option

   — 48-ball FBGA

   — 40-pin TSOP

■ CFI (Common Flash Interface) compliant

   — Provides device-specific information to the system, allowing host software to easily reconfigure for different Flash devices

■ Compatibility with JEDEC standards

   — Pinout and software compatible with single power supply Flash

   — Superior inadvertent write protection

■ Data# Polling and toggle bits

   — Provides a software method of detecting program or erase operation completion

■ Ready/Busy# pin (RY/BY#)

   — Provides a hardware method of detecting program or erase cycle completion

■ Erase Suspend/Erase Resume

   — Suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation

■ Hardware reset pin (RESET#)

   — Hardware method to reset the device to reading array data

■ Command sequence optimized for mass storage

   — Specific address not required for unlock cycles



 




Similar Part No. - AM29LV017D-70WCI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV017D-70WCI AMD-AM29LV017D-70WCI Datasheet
948Kb / 48P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
More results


Similar Description - AM29LV017D-70WCI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV017B AMD-AM29LV017B Datasheet
510Kb / 39P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV017D AMD-AM29LV017D_05 Datasheet
948Kb / 48P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29F017B AMD-AM29F017B Datasheet
443Kb / 35P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F017D AMD-AM29F017D Datasheet
797Kb / 41P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D AMD-AM29F016D Datasheet
1Mb / 45P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016B AMD-AM29F016B Datasheet
477Kb / 38P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F017D SPANSION-AM29F017D Datasheet
1,021Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D SPANSION-AM29F016D_09 Datasheet
1Mb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com