Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC16117A Datasheet (PDF) - OPTREX CORPORATION

DMC16117A Datasheet PDF - OPTREX CORPORATION
Part # DMC16117A
Download  DMC16117A Download

File Size   165.33 Kbytes
Page   15 Pages
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION
Description LCD Module Specification

DMC16117A Datasheet (PDF)

Go To PDF Page Download Datasheet
DMC16117A Datasheet PDF - OPTREX CORPORATION

Part # DMC16117A
Download  DMC16117A Click to download

File Size   165.33 Kbytes
Page   15 Pages
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION
Description LCD Module Specification

DMC16117A Datasheet (HTML) - OPTREX CORPORATION

Back Button DMC16117A Datasheet HTML 1Page - OPTREX CORPORATION DMC16117A Datasheet HTML 2Page - OPTREX CORPORATION DMC16117A Datasheet HTML 3Page - OPTREX CORPORATION DMC16117A Datasheet HTML 4Page - OPTREX CORPORATION DMC16117A Datasheet HTML 5Page - OPTREX CORPORATION DMC16117A Datasheet HTML 6Page - OPTREX CORPORATION DMC16117A Datasheet HTML 7Page - OPTREX CORPORATION DMC16117A Datasheet HTML 8Page - OPTREX CORPORATION DMC16117A Datasheet HTML 9Page - OPTREX CORPORATION DMC16117A Datasheet HTML 10Page - OPTREX CORPORATION Next Button 

DMC16117A Product details

General Specifications
   Operating Temp. : min. 0℃ ~ max. 50℃
   Storage Temp. : min. -20℃ ~ max. 70℃
   Display Format : 16 characters × 1 lines
   Display Fonts : 5 × 8 dots ( 1 character )
   Viewing Area : 64.5 (W) × 13.0 (H) mm
   Outline Dimensions : 80.0 (W) × 36.0 (H) × 10.0 max. (D) mm
   LCD Type : FRD-7305
                        ( TN / Clear-mode / Reflective )
   Viewing Angle : 6:00
   Data Transfer : 8-bit parallel data transfer × 1
   Backlight : None
   Drawings : Dimensional Outline UE-31081A




Similar Part No. - DMC16117A

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC16105 OPTREX-DMC16105 Datasheet
170Kb / 16P
   LCD Module Specification
DMC16105NY-LY OPTREX-DMC16105NY-LY Datasheet
170Kb / 16P
   LCD Module Specification
DMC16128 OPTREX-DMC16128 Datasheet
165Kb / 15P
   LCD Module Specification
DMC16128NY-LY OPTREX-DMC16128NY-LY Datasheet
165Kb / 15P
   LCD Module Specification
More results


Similar Description - DMC16117A

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com