Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1506 Datasheet (PDF) - Intersil Corporation

EL1506 Datasheet PDF - Intersil Corporation
Part # EL1506
Download  EL1506 Download

File Size   86.88 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Medium Power Differential Line Driver

EL1506 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL1506 Datasheet PDF - Intersil Corporation

Part # EL1506
Download  EL1506 Click to download

File Size   86.88 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Medium Power Differential Line Driver

EL1506 Datasheet (HTML) - Intersil Corporation

EL1506 Datasheet HTML 1Page - Intersil Corporation EL1506 Datasheet HTML 2Page - Intersil Corporation

EL1506 Product details

The EL1506 is a very low power dual operational amplifier designed for central office and customer premise line driving for DMT ADSL solutions. This device features a high drive capability of 400mA while consuming only 3.5mA of supply current per amplifier from ±12V supplies. This driver achieves a typical distortion of less than -75dBc, at 1MHz into a 50Ω load. The EL1506 is available in the 28-pin HTSSOP and the 24-pin thermally-enhanced SO packages. Both parts are specified for operation over the full -40°C to +85°C temperature range.

Features
• Drives 360mA at 16VP-P on ±12V supplies
• 40VP-P differential output drive into 100Ω
• -75dBc typical driver output distortion driving 50Ω at 1MHz
• Low quiescent current of 3.5mA per amplifier
• Power-down disable mode
• Pb-Free available (RoHS compliant)

Applications
• ADSL G.DMT and G.lite CO line driving
• G.SHDSL, HDSL2 line driver
• ADSL CPE line driving
• Video distribution amplifier
• Video twisted-pair line driver
• Functional and pin-compatible with AD8016




Similar Part No. - EL1506

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1506 INTERSIL-EL1506 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1506CM INTERSIL-EL1506CM Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1506CRE INTERSIL-EL1506CRE Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1506CRE-T13 INTERSIL-EL1506CRE-T13 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1506CRE-T7 INTERSIL-EL1506CRE-T7 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
More results


Similar Description - EL1506

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
   Medium Power Differential Line Driver
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
   Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1511C ELANTEC-EL1511C Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com