Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L113SRDT Datasheet (PDF) - List of Unclassifed Manufacturers

L113SRDT Datasheet PDF - List of Unclassifed Manufacturers
Part # L113SRDT
Download  L113SRDT Download

File Size   179.8 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2 X 5 MM RECTANGULAR SOLID LAMPS

L113SRDT Datasheet (PDF)

Go To PDF Page Download Datasheet
L113SRDT Datasheet PDF - List of Unclassifed Manufacturers

Part # L113SRDT
Download  L113SRDT Click to download

File Size   179.8 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2 X 5 MM RECTANGULAR SOLID LAMPS

L113SRDT Datasheet (HTML) - List of Unclassifed Manufacturers

L113SRDT Datasheet HTML 1Page - List of Unclassifed Manufacturers L113SRDT Datasheet HTML 2Page - List of Unclassifed Manufacturers L113SRDT Datasheet HTML 3Page - List of Unclassifed Manufacturers L113SRDT Datasheet HTML 4Page - List of Unclassifed Manufacturers L113SRDT Datasheet HTML 5Page - List of Unclassifed Manufacturers L113SRDT Datasheet HTML 6Page - List of Unclassifed Manufacturers

L113SRDT Product details

[Kingbright]

Features
● LOW POWER CONSUMPTION.
● RELIABLE AND RUGGED.
● EXCELLENT UNIFORMITY OF LIGHT OUTPUT.
● SUPER BRIGHT RED VERSION IS AVAILABLE
● SUPER BRIGHT RED AND SUPER GREEN BI-COLOR VERSION IS AVAILABLE.
● SUITABLE FOR LEVEL INDICATOR.
● LONG LIFE - SOLID STATE RELIABILITY.



Similar Part No. - L113SRDT

ManufacturerPart #DatasheetDescription
logo
C&K Components
L113 CK-COMPONENTS-L113 Datasheet
329Kb / 6P
   Miniature Slide Switches
L113 CK-COMPONENTS-L113 Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
logo
Connor-Winfield Corpora...
L113-155.52 CONNOR-WINFIELD-L113-155.52 Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Unisonic Technologies
L1131A UTC-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
More results


Similar Description - L113SRDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L173 ETC-L173 Datasheet
163Kb / 5P
   2.5 X 5 MM RECTANGULAR SOLID LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
HLMP-S100 HP-HLMP-S100 Datasheet
151Kb / 4P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-SH05 HP-HLMA-SH05 Datasheet
60Kb / 5P
   2 mm x 5 mm Rectangular AlInGaP Lamps
logo
Broadcom Corporation.
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
   SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
logo
List of Unclassifed Man...
E914 ETC-E914 Datasheet
167Kb / 5P
   2 x 3mm RECTANGULAR SOLID LAMPS
L-113 ETC-L-113 Datasheet
178Kb / 6P
   2 X5 MM RECTANGULAR SOLID LAMPS
L-117 ETC-L-117 Datasheet
119Kb / 4P
   2 X 5 MM BI COLOR RECTANGULAR LED LAMPS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com