Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-BM50 Datasheet (PDF) - Mini-Circuits

SF-BM50 Datasheet PDF - Mini-Circuits
Part # SF-BM50
Download  SF-BM50 Download

File Size   109.25 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50OHM DC to 2 GHz

SF-BM50 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF-BM50 Datasheet PDF - Mini-Circuits

Part # SF-BM50
Download  SF-BM50 Click to download

File Size   109.25 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50OHM DC to 2 GHz

SF-BM50 Datasheet (HTML) - Mini-Circuits

SF-BM50 Datasheet HTML 1Page - Mini-Circuits SF-BM50 Datasheet HTML 2Page - Mini-Circuits



Similar Part No. - SF-BM50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-BM50 MINI-SF-BM50 Datasheet
211Kb / 1P
   SMA-F to BNC-M
More results


Similar Description - SF-BM50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
   50OHM, DC to 18 GHz
ERA-5XSM MINI-ERA-5XSM Datasheet
253Kb / 4P
   Monolithic Amplifier 50OHM, Broadband, DC to 4 GHz
MSWT-4-20 MINI-MSWT-4-20 Datasheet
244Kb / 2P
   50ohm Transfer, DC to 2.0 GHz Low Video Leakage
K2-HAT MINI-K2-HAT Datasheet
286Kb / 1P
   DC to 2 GHz
K1-HAT MINI-K1-HAT Datasheet
283Kb / 1P
   DC to 2 GHz
VNA-22 MINI-VNA-22 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-28 MINI-VNA-28 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-21 MINI-VNA-21 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
BTRM-50 MINI-BTRM-50 Datasheet
110Kb / 1P
   Termination BNC 50ohm DC to 2000 MHz
ZX60-3018G MINI-ZX60-3018G Datasheet
197Kb / 2P
   Connectorized Amplifier 50ohm, 20 MHz to 3 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com