Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR8FM-20LA Datasheet (PDF) - Renesas Technology Corp

BCR8FM-20LA Datasheet PDF - Renesas Technology Corp
Part # BCR8FM-20LA
Download  BCR8FM-20LA Download

File Size   779.28 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1000V - 8A - Triac

BCR8FM-20LA Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR8FM-20LA Datasheet PDF - Renesas Technology Corp

Part # BCR8FM-20LA
Download  BCR8FM-20LA Click to download

File Size   779.28 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1000V - 8A - Triac

BCR8FM-20LA Datasheet (HTML) - Renesas Technology Corp

BCR8FM-20LA Datasheet HTML 1Page - Renesas Technology Corp BCR8FM-20LA Datasheet HTML 2Page - Renesas Technology Corp BCR8FM-20LA Datasheet HTML 3Page - Renesas Technology Corp BCR8FM-20LA Datasheet HTML 4Page - Renesas Technology Corp BCR8FM-20LA Datasheet HTML 5Page - Renesas Technology Corp BCR8FM-20LA Datasheet HTML 6Page - Renesas Technology Corp BCR8FM-20LA Datasheet HTML 7Page - Renesas Technology Corp BCR8FM-20LA Datasheet HTML 8Page - Renesas Technology Corp



Similar Part No. - BCR8FM-20LA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR8FM-12LB RENESAS-BCR8FM-12LB Datasheet
518Kb / 9P
   BCR8FM-12LB 600V - 8A - Triac Medium Power Use
Feb. 19, 2019
BCR8FM-12LB-1BG0 RENESAS-BCR8FM-12LB-1BG0 Datasheet
518Kb / 9P
   BCR8FM-12LB 600V - 8A - Triac Medium Power Use
Feb. 19, 2019
BCR8FM-12LB-1BH0 RENESAS-BCR8FM-12LB-1BH0 Datasheet
518Kb / 9P
   BCR8FM-12LB 600V - 8A - Triac Medium Power Use
Feb. 19, 2019
BCR8FM-12LB-BG0 RENESAS-BCR8FM-12LB-BG0 Datasheet
518Kb / 9P
   BCR8FM-12LB 600V - 8A - Triac Medium Power Use
Feb. 19, 2019
BCR8FM-12LB-BH0 RENESAS-BCR8FM-12LB-BH0 Datasheet
518Kb / 9P
   BCR8FM-12LB 600V - 8A - Triac Medium Power Use
Feb. 19, 2019
More results


Similar Description - BCR8FM-20LA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCR8PM UTC-UCR8PM Datasheet
180Kb / 3P
   8A TRIAC
logo
Renesas Technology Corp
BCR8FM-14LB RENESAS-BCR8FM-14LB_17 Datasheet
823Kb / 9P
   700V - 8A - Triac
logo
Hi-Sincerity Mocroelect...
HST08 HSMC-HST08 Datasheet
130Kb / 4P
   TRIAC 600V,8A
logo
NEC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
   8A MOLD TRIAC
logo
SemiHow Co.,Ltd.
HTX8-600 SEMIHOW-HTX8-600 Datasheet
267Kb / 6P
   600V 8A TRIAC
logo
Renesas Technology Corp
BCR8LM-12LA RENESAS-BCR8LM-12LA Datasheet
138Kb / 7P
   600V - 8A - Triac
BCR8FM-16LB RENESAS-BCR8FM-16LB Datasheet
792Kb / 8P
   800V - 8A - Triac
logo
STMicroelectronics
T820W STMICROELECTRONICS-T820W_04 Datasheet
63Kb / 5P
   8A SNUBBERLESSTM TRIAC
logo
Intersil Corporation
MUR8100E INTERSIL-MUR8100E Datasheet
49Kb / 4P
   8A, 1000V Ultrafast Diodes
RHRP8100 INTERSIL-RHRP8100 Datasheet
55Kb / 4P
   8A, 1000V Hyperfast Diode
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com