Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5054311000 Datasheet (PDF) - Molex Electronics Ltd.

5054311000 Datasheet PDF - Molex Electronics Ltd.
Part # 5054311000
Download  5054311000 Download

File Size   54.21 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description Micro-Lock PLUS Receptacle Terminal, Tin, 26-30 AWG

5054311000 Datasheet (PDF)

Go To PDF Page Download Datasheet
5054311000 Datasheet PDF - Molex Electronics Ltd.

Part # 5054311000
Download  5054311000 Click to download

File Size   54.21 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description Micro-Lock PLUS Receptacle Terminal, Tin, 26-30 AWG

5054311000 Datasheet (HTML) - Molex Electronics Ltd.

5054311000 Datasheet HTML 1Page - Molex Electronics Ltd.



Similar Part No. - 5054311000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5054311000 MOLEX-5054311000 Datasheet
323Kb / 3P
   MICRO-LOCK PLUS 1.25 W/B DUAL ROW RECEPTACLE HOUSING
2021/02/25
5054311000 MOLEX-5054311000 Datasheet
136Kb / 1P
   MICROLOCK PLUS TIN PLATED 150MM 26AWG
2019/05/14
5054311000 MOLEX-5054311000 Datasheet
161Kb / 1P
   MICROLOCK PLUS CABLE BLACK 3-CKT
2017/07/14
5054311000 MOLEX-5054311000 Datasheet
162Kb / 1P
   MICROLOCK PLUS CABLE BLACK 4-CKT
2017/07/14
5054311000 MOLEX-5054311000 Datasheet
163Kb / 1P
   MICROLOCK PLUS CABLE BLACK 5-CKT
2017/07/14
More results


Similar Description - 5054311000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5054311100 MOLEX1-5054311100 Datasheet
53Kb / 1P
   Micro-Lock PLUS Receptacle Terminal, Gold, 26-30 AWG
5781523700 MOLEX-5781523700 Datasheet
36Kb / 1P
   S-1 Applicator for Micro-Lock Plus Receptacle Terminal, 22-26 AWG
08/25/2022
5054311200 MOLEX-5054311200 Datasheet
46Kb / 2P
   Micro-Lock Plus Female Crimp Terminal, 0.38μm Gold (Au) Plating, 26-30 AWG, Reel
12/31/2022
5781463700 MOLEX-5781463700 Datasheet
37Kb / 1P
   S-1 Applicator for Micro-Lock Plus Terminals, 26-30 AWG
08/25/2022
0639042300 MOLEX-0639042300 Datasheet
34Kb / 2P
   FineAdjust Applicator for Micro-Lock Plus, 1.25mm (.049) Wire to Board Crimp Terminal, 26-30 AWG
08/26/2022
203702-3900 MOLEX-203702-3900 Datasheet
628Kb / 5P
   FineAdjust Applicator for Micro-Fit Plus 26-30 AWG
09-09-21
5781253710 MOLEX-5781253710 Datasheet
35Kb / 1P
   S-1 Applicator for Micro-Lock Receptacle Terminals, 26-30 AWG
08/25/2022
203702-3800 MOLEX-203702-3800 Datasheet
629Kb / 5P
   FineAdjust Applicator for Micro-Fit Plus 26-30 AWG
09-09-21
2175011101 MOLEX-2175011101 Datasheet
85Kb / 1P
   Micro-lock plus 2.0 F-S 75mm 26 AWG BK Sn
2021/08/30
5781253700 MOLEX-5781253700 Datasheet
35Kb / 1P
   S-1 Applicator for Micro-Lock Plug Terminals, 26-30 AWG
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com