Manufacturer | Part # | Datasheet | Description |
Mini-Circuits |
SBTC-2-25_25L
|
99Kb / 1P |
Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
|
SBTC-2-10_10L
|
97Kb / 1P |
Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
|
ZFSC-2-10G
|
178Kb / 1P |
Power Splitter/Combiner 2 Way-0째 50廓 2000 to 10000 MHz
|
SBTC-2-10-75_75L
|
96Kb / 1P |
Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
|
ZX10-SERIES
|
136Kb / 1P |
Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
|
SCA-4-20
|
124Kb / 1P |
Power Splitter/Combiner 4 Way-0째 50??1000 to 2000 MHz
|
SCN-SERIES
|
194Kb / 2P |
Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
|
List of Unclassifed Man... |
ZA4PD-2
|
169Kb / 1P |
Power Splitter/Combiner 4 Way-0째 50廓 1000 to 2000 MHz
|
Mini-Circuits |
ZX10-4-SERIES
|
290Kb / 2P |
Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
|
SBTC-2-15-75_75L
|
96Kb / 1P |
Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-0째 75??500 to 1500 MHz
|