Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE219 Datasheet (PDF) - NTE Electronics

NTE219 Datasheet PDF - NTE Electronics
Part # NTE219
Download  NTE219 Download

File Size   24.88 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Power Transistor Audio Power Amp, Medium Speed Switch

NTE219 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE219 Datasheet PDF - NTE Electronics

Part # NTE219
Download  NTE219 Click to download

File Size   24.88 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Power Transistor Audio Power Amp, Medium Speed Switch

NTE219 Datasheet (HTML) - NTE Electronics

NTE219 Datasheet HTML 1Page - NTE Electronics NTE219 Datasheet HTML 2Page - NTE Electronics

NTE219 Product details

Description:

The NTE130 (NPN) and NTE219 (PNP) are silicon complementary transistors in a TO3 type case designed for general purpose switching and amplifier applications.



Features:

• DC Current Gain: hFE = 20 – 70 @ IC = 4A

• Collector–Emitter Saturation Voltage: VCE(sat) = 1.1V (Max) @ IC = 4A

• Excellent Safe Operating Area



 




Similar Part No. - NTE219

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE21 NTE-NTE21 Datasheet
19Kb / 2P
   Silicon Complementary Transistors High Power, Low Collector Saturation Voltage Power Output
NTE210 NTE-NTE210 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Output & Driver
NTE2102 NTE-NTE2102 Datasheet
28Kb / 3P
   Integrated Circuit NMOS, 1K Static RAM (SRAM), 350ns
NTE2102 NTE-NTE2102 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
NTE2104 NTE-NTE2104 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
More results


Similar Description - NTE219

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE385 NTE-NTE385 Datasheet
25Kb / 2P
   Silicon NPN Transistor Audio Power Amp, Switch
NTE386 NTE-NTE386 Datasheet
21Kb / 2P
   Silicon NPN Transistor Audio Power Amp, Switch
NTE315 NTE-NTE315 Datasheet
20Kb / 2P
   Silicon NPN Transistor, Medium Power Amp
NTE291 NTE-NTE291 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Medium Power Amp, Switch
NTE184 NTE-NTE184 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Audio Power Amp, Switch
NTE331 NTE-NTE331 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amp, Switch
NTE327 NTE-NTE327 Datasheet
24Kb / 2P
   Silicon NPN Transistor Power Amp, Switch
NTE328 NTE-NTE328 Datasheet
25Kb / 2P
   Silicon NPN Transistor Power Amp, Switch
NTE387 NTE-NTE387 Datasheet
23Kb / 2P
   Silicon NPN Transistor Power Amp, Switch
NTE2340 NTE-NTE2340 Datasheet
22Kb / 2P
   Silicon NPN Transistor Darlington Power Amp, Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com