Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND256W3A0BN1T Datasheet (PDF) - STMicroelectronics

NAND256W3A0BN1T Datasheet PDF - STMicroelectronics
Part # NAND256W3A0BN1T
Download  NAND256W3A0BN1T Download

File Size   916.59 Kbytes
Page   57 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories

NAND256W3A0BN1T Datasheet (PDF)

Go To PDF Page Download Datasheet
NAND256W3A0BN1T Datasheet PDF - STMicroelectronics

Part # NAND256W3A0BN1T
Download  NAND256W3A0BN1T Click to download

File Size   916.59 Kbytes
Page   57 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories

NAND256W3A0BN1T Datasheet (HTML) - STMicroelectronics

Back Button NAND256W3A0BN1T Datasheet HTML 1Page - STMicroelectronics NAND256W3A0BN1T Datasheet HTML 2Page - STMicroelectronics NAND256W3A0BN1T Datasheet HTML 3Page - STMicroelectronics NAND256W3A0BN1T Datasheet HTML 4Page - STMicroelectronics NAND256W3A0BN1T Datasheet HTML 5Page - STMicroelectronics NAND256W3A0BN1T Datasheet HTML 6Page - STMicroelectronics NAND256W3A0BN1T Datasheet HTML 7Page - STMicroelectronics NAND256W3A0BN1T Datasheet HTML 8Page - STMicroelectronics NAND256W3A0BN1T Datasheet HTML 9Page - STMicroelectronics NAND256W3A0BN1T Datasheet HTML 10Page - STMicroelectronics Next Button 

NAND256W3A0BN1T Product details

SUMMARY DESCRIPTION
The NAND Flash 528 Byte/ 264 Word Page is a family of non-volatile Flash memories that uses
the Single Level Cell (SLC) NAND cell technology. It is referred to as the Small Page family. The devices range from 128Mbits to 1Gbit and operate with either a 1.8V or 3V voltage supply. The size of a Page is either 528 Bytes (512 + 16 spare) or 264 Words (256 + 8 spare) depending on whether the device has a x8 or x16 bus width.

FEATURES SUMMARY
■ HIGH DENSITY NAND FLASH MEMORIES
   – Up to 1 Gbit memory array
   – Up to 32 Mbit spare area
   – Cost effective solutions for mass storage applications
■ NAND INTERFACE
   – x8 or x16 bus width
   – Multiplexed Address/ Data
   – Pinout compatibility for all densities
■ SUPPLY VOLTAGE
   – 1.8V device: VDD = 1.7 to 1.95V
   – 3.0V device: VDD = 2.7 to 3.6V
■ PAGE SIZE
   – x8 device: (512 + 16 spare) Bytes
   – x16 device: (256 + 8 spare) Words
■ BLOCK SIZE
   – x8 device: (16K + 512 spare) Bytes
   – x16 device: (8K + 256 spare) Words
■ PAGE READ / PROGRAM
   – Random access: 12µs (max)
   – Sequential access: 50ns (min)
   – Page program time: 200µs (typ)
■ COPY BACK PROGRAM MODE
   – Fast page copy without external buffering
■ FAST BLOCK ERASE
   – Block erase time: 2ms (Typ)
■ STATUS REGISTER
■ ELECTRONIC SIGNATURE
■ CHIP ENABLE ‘DON’T CARE’ OPTION
   – Simple interface with microcontroller
■ SERIAL NUMBER OPTION
■ HARDWARE DATA PROTECTION
   – Program/Erase locked during Power transitions
■ DATA INTEGRITY
   – 100,000 Program/Erase cycles
   – 10 years Data Retention
■ RoHS COMPLIANCE
   – Lead-Free Components are Compliant with the RoHS Directive
■ DEVELOPMENT TOOLS
   – Error Correction Code software and hardware models
   – Bad Blocks Management and Wear Leveling algorithms
   – File System OS Native reference software
   – Hardware simulation models




Similar Part No. - NAND256W3A0BN1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND256W3M0AZB5E STMICROELECTRONICS-NAND256W3M0AZB5E Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
NAND256W3M0AZB5F STMICROELECTRONICS-NAND256W3M0AZB5F Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
NAND256W3M0AZC5E STMICROELECTRONICS-NAND256W3M0AZC5E Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
NAND256W3M0AZC5F STMICROELECTRONICS-NAND256W3M0AZC5F Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
NAND256W3M0BZB5E STMICROELECTRONICS-NAND256W3M0BZB5E Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
More results


Similar Description - NAND256W3A0BN1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Numonyx B.V
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2SN6F NUMONYX-NAND512R3A2SN6F Datasheet
1Mb / 55P
   512-Mbit, 528-byte/264-word page, 1.8 V/3 V, SLC NAND flash memories
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
NAND01G-N STMICROELECTRONICS-NAND01G-N Datasheet
217Kb / 23P
   1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com