Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ1502 Datasheet (PDF) - Guangdong Juxing Electronics Technology Co., Ltd.

GBJ1502 Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.
Part # GBJ1502
Download  GBJ1502 Download

File Size   1039.72 Kbytes
Page   2 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description BRIDGE RECTIFIERS

GBJ1502 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ1502 Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.

Part # GBJ1502
Download  GBJ1502 Click to download

File Size   1039.72 Kbytes
Page   2 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description BRIDGE RECTIFIERS

GBJ1502 Datasheet (HTML) - Guangdong Juxing Electronics Technology Co., Ltd.

GBJ1502 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. GBJ1502 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.

GBJ1502 Product details

Features
• Glass Passivated Die Construction
• Low Reverse Leakage Current
• Surge Overload Rating to 240A Peak
• Ideal for Printed Circuit Board Applications
• Plastic Material - UL Flammability
   Classification 94V-0
• UL Listed Under Recognized Component
   Index, File Number # E469616




Similar Part No. - GBJ1502

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
GBJ1502 BYTESONIC-GBJ1502 Datasheet
412Kb / 2P
   SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBJ1502 DIODES-GBJ1502 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Diotech Company.
GBJ1502 DIOTECH-GBJ1502 Datasheet
853Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Mospec Semiconductor
GBJ1502 MOSPEC-GBJ1502 Datasheet
160Kb / 2P
   Glass Passivated Die Construction
logo
Microdiode Electronics ...
GBJ1502 CHENDA-GBJ1502 Datasheet
546Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Similar Description - GBJ1502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com