Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ2510 Datasheet (PDF) - Guangdong Juxing Electronics Technology Co., Ltd.

GBJ2510 Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.
Part # GBJ2510
Download  GBJ2510 Download

File Size   963.07 Kbytes
Page   2 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description BRIDGE RECTIFIERS

GBJ2510 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ2510 Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.

Part # GBJ2510
Download  GBJ2510 Click to download

File Size   963.07 Kbytes
Page   2 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description BRIDGE RECTIFIERS

GBJ2510 Datasheet (HTML) - Guangdong Juxing Electronics Technology Co., Ltd.

GBJ2510 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. GBJ2510 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.

GBJ2510 Product details

Features
● Glass Passivated Die Construction
● Low Reverse Leakage Current
● Surge Overload Rating to 350A Peak
● Ideal for Printed Circuit Board Applications
● Plastic Material - UL Flammability
   Classification 94V-0
● UL Listed Under Recognized Component
   Index, File Number # E469616




Similar Part No. - GBJ2510

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ2510 DIODES-GBJ2510 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
logo
New Jersey Semi-Conduct...
GBJ2510 NJSEMI-GBJ2510 Datasheet
155Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBJ2510 MCC-GBJ2510 Datasheet
127Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
SAMYANG ELECTRONICS CO....
GBJ2510 SAMYANG-GBJ2510 Datasheet
1Mb / 3P
   Bridge Rectifiers
logo
Sangdest Microelectroni...
GBJ2510 SMC-GBJ2510 Datasheet
178Kb / 4P
   Low forward voltage drop
More results


Similar Description - GBJ2510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com