Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0724_XP132A1275SR Datasheet (PDF) - Torex Semiconductor

0724_XP132A1275SR Datasheet PDF - Torex Semiconductor
Part # 0724_XP132A1275SR
Download  0724_XP132A1275SR Download

File Size   158.39 Kbytes
Page   4 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Power MOS FET

0724_XP132A1275SR Datasheet (PDF)

Go To PDF Page Download Datasheet
0724_XP132A1275SR Datasheet PDF - Torex Semiconductor

Part # 0724_XP132A1275SR
Download  0724_XP132A1275SR Click to download

File Size   158.39 Kbytes
Page   4 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Power MOS FET

0724_XP132A1275SR Datasheet (HTML) - Torex Semiconductor

0724_XP132A1275SR Datasheet HTML 1Page - Torex Semiconductor 0724_XP132A1275SR Datasheet HTML 2Page - Torex Semiconductor 0724_XP132A1275SR Datasheet HTML 3Page - Torex Semiconductor 0724_XP132A1275SR Datasheet HTML 4Page - Torex Semiconductor

0724_XP132A1275SR Product details

■General Description

The XP132A1275SR is a P-Channel Power MOS FET with low on-state resistance and ultra high-speed switching characteristics. Because high-speed switching is possible, the IC can be efficiently set thereby saving energy.

The small SOP-8 package makes high density mounting possible.



◆ P-Channel Power MOS FET

◆ DMOS Structure

◆ Low On-State Resistance : 0.075Ω (max)

◆ Ultra High-Speed Switching

◆ SOP-8 Package



■ Features

  Low on-state resistance : Rds (on) = 0.075Ω ( Vgs = -4.5V )

                                : Rds (on) = 0.115Ω ( Vgs = -2.5V )

  Ultra high-speed switching

  Operational Voltage : -2.5V

  High density mounting : SOP-8

 

■ Applications

● Notebook PCs

● Cellular and portable phones

● On-board power supplies

● Li-ion battery systems



 




Similar Part No. - 0724_XP132A1275SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
072453 ETC-072453 Datasheet
6Mb / 68P
   Contacts
May 2019
logo
Schurter Inc.
0724 SCHURTER-0724_18 Datasheet
292Kb / 3P
   IEC Appliance Inlet C6, Screw-on Mounting, Front Side, Solder Terminal or Solder Terminal for PCB
0724_1809 SCHURTER-0724_1809 Datasheet
303Kb / 3P
   IEC Appliance Inlet C6, Screw-on Mounting, Front Side, Solder Terminal or Solder Terminal for PCB
0724 SCHURTER-0724_21 Datasheet
304Kb / 3P
   IEC Appliance Inlet C6, Screw-on Mounting, Front Side, Solder Terminal or Solder Terminal for PCB
0724 SCHURTER-0724_V01 Datasheet
241Kb / 3P
   IEC Appliance Inlet C6, Screw-on Mounting, Front Side, Solder Terminal or Solder Terminal for PCB
22.12.2021
More results


Similar Description - 0724_XP132A1275SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP132A11A1SR TOREX-XP132A11A1SR Datasheet
68Kb / 4P
   Power MOS FET
XP151A03A7MR TOREX-XP151A03A7MR Datasheet
54Kb / 4P
   Power MOS FET
XP162A11COPR TOREX-XP162A11COPR Datasheet
59Kb / 4P
   Power MOS FET
XP151A13A0MR TOREX-XP151A13A0MR Datasheet
57Kb / 4P
   Power MOS FET
logo
List of Unclassifed Man...
XP133A1235SR ETC1-XP133A1235SR Datasheet
60Kb / 4P
   Power MOS FET
logo
Torex Semiconductor
XP132A1635SR TOREX-XP132A1635SR Datasheet
56Kb / 4P
   Power MOS FET
XP133A1145SR TOREX-XP133A1145SR Datasheet
161Kb / 4P
   Power MOS FET
XP162A12A6PR TOREX-XP162A12A6PR Datasheet
52Kb / 4P
   Power MOS FET
0770_XP152A01D8MR TOREX-0770_XP152A01D8MR Datasheet
156Kb / 4P
   Power MOS FET
0783_XP161A11A1PR TOREX-0783_XP161A11A1PR Datasheet
134Kb / 4P
   Power MOS FET
0790_XP162A01B5PR TOREX-0790_XP162A01B5PR Datasheet
163Kb / 4P
   Power MOS FET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com