Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13415-485LF Datasheet (PDF) - Skyworks Solutions Inc.

SKY13415-485LF Datasheet PDF - Skyworks Solutions Inc.
Part # SKY13415-485LF
Download  SKY13415-485LF Download

File Size   404.4 Kbytes
Page   11 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 0.1 to 3.8 GHz SP5T Antenna Switch

SKY13415-485LF Datasheet (PDF)

Go To PDF Page Download Datasheet
SKY13415-485LF Datasheet PDF - Skyworks Solutions Inc.

Part # SKY13415-485LF
Download  SKY13415-485LF Click to download

File Size   404.4 Kbytes
Page   11 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 0.1 to 3.8 GHz SP5T Antenna Switch

SKY13415-485LF Datasheet (HTML) - Skyworks Solutions Inc.

Back Button SKY13415-485LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13415-485LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13415-485LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13415-485LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13415-485LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13415-485LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13415-485LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13415-485LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13415-485LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY13415-485LF Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button 



Similar Part No. - SKY13415-485LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13414-485LF SKYWORKS-SKY13414-485LF Datasheet
398Kb / 11P
   0.1 to 3.8 GHz SP4T Antenna Switch
SKY13414-485LF-EVB SKYWORKS-SKY13414-485LF-EVB Datasheet
398Kb / 11P
   0.1 to 3.8 GHz SP4T Antenna Switch
SKY13416-485LF SKYWORKS-SKY13416-485LF Datasheet
444Kb / 12P
   0.1 to 3.8 GHz SP6T Antenna Switch
SKY13416-485LF-EVB SKYWORKS-SKY13416-485LF-EVB Datasheet
444Kb / 12P
   0.1 to 3.8 GHz SP6T Antenna Switch
SKY13417-485LF SKYWORKS-SKY13417-485LF Datasheet
473Kb / 12P
   0.1-3.0 GHz SP7T Antenna Switch
April 11, 2013
More results


Similar Description - SKY13415-485LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKYA21029 SKYWORKS-SKYA21029 Datasheet
400Kb / 11P
   0.1 to 3.8 GHz SP4T Antenna Switch
July 10, 2017
SKY13414-485LF SKYWORKS-SKY13414-485LF Datasheet
398Kb / 11P
   0.1 to 3.8 GHz SP4T Antenna Switch
SKY13416-485LF SKYWORKS-SKY13416-485LF Datasheet
444Kb / 12P
   0.1 to 3.8 GHz SP6T Antenna Switch
SKY13418-485LF SKYWORKS-SKY13418-485LF Datasheet
448Kb / 13P
   0.1 to 3.8 GHz SP8T Antenna Switch
logo
Analog Devices
ADRF5250 AD-ADRF5250 Datasheet
460Kb / 15P
   0.1 GHz to 6 GHz Silicon SP5T Switch
logo
Infineon Technologies A...
BGS15AN16 INFINEON-BGS15AN16 Datasheet
1Mb / 16P
   SP5T Antenna Switch
Revision 2.1, 2013-01-21
logo
Sony Corporation
CXG1235XR SONY-CXG1235XR Datasheet
176Kb / 7P
   SP5T Antenna Switch
logo
Skyworks Solutions Inc.
SKY19243-686LF SKYWORKS-SKY19243-686LF Datasheet
192Kb / 2P
   0.1 to 3.8 GHz SPDT High-Power Antenna Tuning Switch in a QFN Package
AS195-306LF SKYWORKS-AS195-306LF_16 Datasheet
377Kb / 7P
   PHEMT GaAs IC High-Power SP5T Switch 0.1 to 2 GHz
logo
Guerrilla RF, Inc.
GRF2100W GUERRILLA-GRF2100W Datasheet
1Mb / 17P
   LOW-CURRENT LNA 0.1 to 3.8 GHz
May 1, 2023
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com