Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE22CA Datasheet (PDF) - HuaXinAn Electronics CO.,LTD

1.5KE22CA Datasheet PDF - HuaXinAn Electronics CO.,LTD
Part # 1.5KE22CA
Download  1.5KE22CA Download

File Size   358.03 Kbytes
Page   5 Pages
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD
Description Transient Voltage Suppressors

1.5KE22CA Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE22CA Datasheet PDF - HuaXinAn Electronics CO.,LTD

Part # 1.5KE22CA
Download  1.5KE22CA Click to download

File Size   358.03 Kbytes
Page   5 Pages
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD
Description Transient Voltage Suppressors

1.5KE22CA Datasheet (HTML) - HuaXinAn Electronics CO.,LTD

1.5KE22CA Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 1.5KE22CA Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD 1.5KE22CA Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD 1.5KE22CA Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD 1.5KE22CA Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD

1.5KE22CA Product details

Description
The 1.5KE series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.

Features
• Plastic material has UL flammability classification 94V-O
• Typical IR less than 1uA above 12V
• Fast response time
• Glass passivated junction
• Low zener impedance• Excellent clamping capability
• Low inductance
• High Temperature soldering: 260℃/10 seconds at terminals

Applications
• I/O interface
• AC/DC power supply
• Low frequency signal transmission line (RS232, RS485, etc.)




Similar Part No. - 1.5KE22CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE22CA ONSEMI-1.5KE22CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Shenzhen Luguang Electr...
1.5KE22CA LUGUANG-1.5KE22CA Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
DB Lectro Inc
1.5KE22CA DBLECTRO-1.5KE22CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
SiPower Inc.
1.5KE22CA SIPOWER-1.5KE22CA Datasheet
1Mb / 5P
   Transient Voltage Suppressor
logo
UN Semiconducctor INC
1.5KE22CA UNSEMI-1.5KE22CA Datasheet
3Mb / 7P
   6.8 To 600V 1500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Similar Description - 1.5KE22CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com