Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS71116AU-7I Datasheet (PDF) - GSI Technology

GS71116AU-7I Datasheet PDF - GSI Technology
Part # GS71116AU-7I
Download  GS71116AU-7I Download

File Size   122.45 Kbytes
Page   14 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 64K x 16 1Mb Asynchronous SRAM

GS71116AU-7I Datasheet (PDF)

Go To PDF Page Download Datasheet
GS71116AU-7I Datasheet PDF - GSI Technology

Part # GS71116AU-7I
Download  GS71116AU-7I Click to download

File Size   122.45 Kbytes
Page   14 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 64K x 16 1Mb Asynchronous SRAM

GS71116AU-7I Datasheet (HTML) - GSI Technology

Back Button GS71116AU-7I Datasheet HTML 1Page - GSI Technology GS71116AU-7I Datasheet HTML 2Page - GSI Technology GS71116AU-7I Datasheet HTML 3Page - GSI Technology GS71116AU-7I Datasheet HTML 4Page - GSI Technology GS71116AU-7I Datasheet HTML 5Page - GSI Technology GS71116AU-7I Datasheet HTML 6Page - GSI Technology GS71116AU-7I Datasheet HTML 7Page - GSI Technology GS71116AU-7I Datasheet HTML 8Page - GSI Technology GS71116AU-7I Datasheet HTML 9Page - GSI Technology GS71116AU-7I Datasheet HTML 10Page - GSI Technology Next Button 

GS71116AU-7I Product details

Description
The GS71116A is a high speed CMOS static RAM organized as 65,536-words by 16-bits. Static design eliminates the need for external clocks or timing strobes. Operating on a single 3.3 V power supply and all inputs and outputs are TTLcompatible. The GS71116A is available in a 6 mm x 8 mm Fine Pitch BGA package, as well as in 400 mil SOJ and 400 mil TSOP Type-II packages.

Features
• Fast access time: 7, 8, 10, 12 ns
• CMOS low power operation: 145/125/100/85 mA at minimum cycle time
• Single 3.3 V power supply
• All inputs and outputs are TTL-compatible
• Byte control
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package line up
    J: 400 mil, 44-pin SOJ package
    TP: 400 mil, 44-pin TSOP Type II package
    GP: Pb-Free 400 mil, 3244-pin TSOP Type II package
    U: 6 mm x 8 mm Fine Pitch Ball Grid Array package
    GU: Pb-Free 6 mm x 8 mm Fine Pitch Ball Grid Array package
• Pb-Free TSOP-II and FP-BGA packages available




Similar Part No. - GS71116AU-7I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71116AU-7I ETC1-GS71116AU-7I Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
More results


Similar Description - GS71116AU-7I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
List of Unclassifed Man...
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L63W2A ONSEMI-N01L63W2A Datasheet
657Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
GS71024 GSI-GS71024 Datasheet
278Kb / 13P
   64K x 24 1.5Mb Asynchronous SRAM
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com